Electronic Components Datasheet Search
  English  ▼

X  

D10F Datasheet(PDF) 1 Page - TOKO, Inc

Part # D10F
Description  Fixed Inductors for Surface Mounting
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

D10F Datasheet(HTML) 1 Page - TOKO, Inc

  D10F Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
27
Meeting Your Needs
R-LOG0102A
1.800.PIK.TOKO
1.847.297.0070
www.tokoam.com
Please read PRECAUTIONS and NOTES sections of this catalog for safe operation. This catalog contains consumer grade specifications only. Detailed technical specifications are available upon request.
TYPE D10F
For Reflow Soldering
Frequency Range: 1kHz ~ 1MHz
Inductance Range: 10 ~ 1500
µH
Features
• Low profile SMD Type (5mm high)
• Suitable for large current
• Suitable for reflow soldering
• Available on tape and reel for automatic insertion
STANDARD PARTS SELECTION GUIDE
(1) Inductance is measured by LCR-meter 4284A (HP) or equivalent.
(2) DC resistance is measured by Digital Multimeter TR6871
(Advantest) or equivalent.
TYPE D10F
TOKO
Test
Rated
Part
Inductance ( 1 )
Frequency
DC Resistance ( 2 )
DC Current ( 3 )
Number
L (
µH)
Tolerance
(kHz)
(Ω) max.
(A) max.
A814AY-100M=P3
10
±20%
100
0.047
2.60
A814AY-120M=P3
12
±20%
100
0.050
2.48
A814AY-150M=P3
15
±20%
100
0.058
2.27
A814AY-180M=P3
18
±20%
100
0.067
2.15
A814AY-220M=P3
22
±20%
100
0.075
2.00
A814AY-270M=P3
27
±20%
100
0.087
1.84
A814AY-330M=P3
33
±20%
100
0.095
1.72
A814AY-390M=P3
39
±20%
100
0.12
1.58
A814AY-470K=P3
47
±10%
100
0.15
1.44
A814AY-560K=P3
56
±10%
100
0.18
1.28
A814AY-680K=P3
68
±10%
100
0.20
1.20
A814AY-820K=P3
82
±10%
100
0.23
1.09
A814AY-101K=P3
100
±10%
100
0.27
1.05
A814AY-121K=P3
120
±10%
100
0.33
0.92
A814AY-151K=P3
150
±10%
100
0.40
0.80
A814AY-181K=P3
180
±10%
100
0.53
0.73
A814AY-221K=P3
220
±10%
100
0.60
0.69
A814AY-271K=P3
270
±10%
100
0.84
0.60
A814AY-331K=P3
330
±10%
100
1.00
0.53
A814AY-391K=P3
390
±10%
100
1.09
0.49
A814AY-471K=P3
470
±10%
100
1.25
0.46
A814AY-561K=P3
560
±10%
100
1.63
0.41
A814AY-681K=P3
680
±10%
100
1.90
0.38
A814AY-821K=P3
820
±10%
100
2.44
0.34
A814AY-102K=P3
1000
±10%
100
2.80
0.31
A814AY-122K=P3
1200
±10%
100
3.67
0.27
A814AY-152K=P3
1500
±10%
100
4.37
0.25
Unit: mm
Fixed Inductors for Surface Mounting
TYPE
D10F
Recommended patterns:
Note: =P3 is added to each part number to indicate tape and reel packaging.
Unit: mm
(3) Maximum allowable DC current is that which causes a 10% inductance
reduction from the initial value, or coil temperature to rise by 40
°C,
whichever is smaller. (Reference ambient temperature 20
°C).


Similar Part No. - D10F

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D10FDC10ST SHINDENGEN-D10FDC10ST Datasheet
221Kb / 4P
Schottky Barrier Diode
logo
Inchange Semiconductor ...
D10FDC10ST ISC-D10FDC10ST Datasheet
314Kb / 2P
Schotty Rectifier
logo
TOKO, Inc
D10FL TOKO-D10FL Datasheet
95Kb / 1P
Fixed Inductors for Surface Mounting
logo
Shindengen Electric Mfg...
D10FR60LA SHINDENGEN-D10FR60LA Datasheet
1Mb / 7P
Fast Recovery Diodes 600V, 10A
logo
Inchange Semiconductor ...
D10FR60LA ISC-D10FR60LA Datasheet
275Kb / 2P
Fast Recovery Diode
More results

Similar Description - D10F

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
D62LCB TOKO-D62LCB Datasheet
97Kb / 3P
Fixed Inductors for Surface Mounting
D62LCB TOKO-D62LCB_1 Datasheet
177Kb / 3P
Fixed Inductors for Surface Mounting
D73LF TOKO-D73LF_1 Datasheet
134Kb / 4P
Fixed Inductors for Surface Mounting
D78C TOKO-D78C Datasheet
91Kb / 1P
Fixed Inductors for Surface Mounting
D106C TOKO-D106C Datasheet
90Kb / 1P
Fixed Inductors for Surface Mounting
D3010FB TOKO-D3010FB Datasheet
145Kb / 1P
Fixed Inductors for Surface Mounting
DB320C TOKO-DB320C Datasheet
103Kb / 1P
Fixed Inductors for Surface Mounting
DS126C2 TOKO-DS126C2 Datasheet
152Kb / 1P
Fixed Inductors for Surface Mounting
E123L TOKO-E123L Datasheet
106Kb / 1P
Fixed Inductors for Surface Mounting
FDU1250 TOKO-FDU1250 Datasheet
107Kb / 1P
Fixed Inductors for Surface Mounting
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com