Electronic Components Datasheet Search
  English  ▼

X  

DAC8802IPW Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8802IPW
Description  Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8802IPW Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC8802IPW Datasheet HTML 7Page - Texas Instruments DAC8802IPW Datasheet HTML 8Page - Texas Instruments DAC8802IPW Datasheet HTML 9Page - Texas Instruments DAC8802IPW Datasheet HTML 10Page - Texas Instruments DAC8802IPW Datasheet HTML 11Page - Texas Instruments DAC8802IPW Datasheet HTML 12Page - Texas Instruments DAC8802IPW Datasheet HTML 13Page - Texas Instruments DAC8802IPW Datasheet HTML 14Page - Texas Instruments DAC8802IPW Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
www.ti.com
THEORY OF OPERATION
CIRCUIT OPERATION
Digital-to-Analog Converters
R
R
R
2R
2R
2R
R
5 kΩ
S2
S1
DGND
VREFX
VDD
RFBX
IOUTX
AGNDX
Digital interface onnections are omitted for clarity.
Switches S1 and S2 are closed; V
must be powered.
DD
c
V
OUT
+ *VREF
D
16384
(1)
DAC8802
SBAS351A – AUGUST 2005 – REVISED DECEMBER 2005
The DAC8802 contains two 14-bit, current-output, digital-to-analog converters (DACs). Each DAC has its own
independent multiplying reference input. The DAC8802 uses a 3-wire, SPI-compatible serial data interface, with a
configurable asynchronous RS pin for half-scale (MSB = 1) or zero-scale (MSB = 0) preset. In addition, an LDAC
strobe enables two-channel simultaneous updates for hardware-synchronized output voltage changes.
The DAC8802 contains two current-steering R-2R ladder DACs. Figure 30 shows a typical equivalent DAC. Each
DAC contains a matching feedback resistor for use with an external I-to-V converter amplifier. The RFBX pin is
connected to the output of the external amplifier. The IOUTX terminal is connected to the inverting input of the
external amplifier. The AGNDX pin should be Kelvin-connected to the load point in the circuit requiring the full
14-bit accuracy.
Figure 30. Typical Equivalent DAC Channel
The DAC is designed to operate with both negative or positive reference voltages. The VDD power pin is only
used by the logic to drive the DAC switches on and off. Note that a matching switch is used in series with the
internal 5 k
Ω feedback resistor. If users are attempting to measure the value of R
FB, power must be applied to
VDD in order to achieve continuity. The DAC output voltage is determined by VREF and the digital data (D)
according to Equation 1:
Note that the output polarity is opposite of the VREF polarity for dc reference voltages.
The DAC is also designed to accommodate ac reference input signals. The DAC8802 accommodates input
reference voltages in the range of -15 V to +15 V. The reference voltage inputs exhibit a constant nominal input
resistance of 5 k
Ω, ±20%. On the other hand, DAC outputs I
OUTA and B are code-dependent and produce
various output resistances and capacitances.
The choice of external amplifier should take into account the variation in impedance generated by the DAC8802
on the amplifiers' inverting input node. The feedback resistance, in parallel with the DAC ladder resistance,
dominates output voltage noise. For multiplying mode applications, an external feedback compensation capacitor
(CFB) may be needed to provide a critically damped output response for step changes in reference input
voltages.
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com