Electronic Components Datasheet Search
  English  ▼

X  

UPC8158K Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPC8158K
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC8158K Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPC8158K Datasheet HTML 6Page - Renesas Technology Corp UPC8158K Datasheet HTML 7Page - Renesas Technology Corp UPC8158K Datasheet HTML 8Page - Renesas Technology Corp UPC8158K Datasheet HTML 9Page - Renesas Technology Corp UPC8158K Datasheet HTML 10Page - Renesas Technology Corp UPC8158K Datasheet HTML 11Page - Renesas Technology Corp UPC8158K Datasheet HTML 12Page - Renesas Technology Corp UPC8158K Datasheet HTML 13Page - Renesas Technology Corp UPC8158K Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Preliminary Data Sheet P13831EJ1V1DS00
11
µµµµPC8158K
RECOMMENDED SOLDERING CONDITIONS
This product should be soldered under the following recommended conditions.
For soldering methods and
conditions other than those recommended below, contact your NEC sales representative.
µµµµPC8158K
Soldering Method
Soldering Conditions
Recommended Condition
Symbol
Infrared Reflow
Package peak temperature: 235°C or below
Time: 30 seconds or less (at 210°C)
Count: 2, Exposure limit
Note: None
IR35-00-2
Partial Heating
Pin temperature: 300°C
Time: 3 seconds or less (per side of device)
Exposure limit
Note: None
–
Note After opening the dry pack, keep it in a place below 25°C and 65% RH for the allowable storage period.
Caution Do not use different soldering methods together (except for partial heating).
For details of recommended soldering conditions for surface mounting, refer to information document
SEMICONDUCTOR DEVICE MOUNTING TECHNOLOGY MANUAL (C10535E).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com