Electronic Components Datasheet Search
  English  ▼

X  

DB105G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # DB105G
Description  Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

DB105G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  DB105G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd DB105G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 470 -
DB101G THRU DB107G
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
Voltage Range
50 to 1000 Volts
Current
1.0 Ampere
Features
a UL Recognized File # E-96005
a Ideal for printed circuit board
a Reliable low cost construction utilizing
molded plastic technique
a High temperature soldering guaranteed:
a 250°C / 10 seconds / 0.375” ( 9.5mm )
lead length at 5 lbs., ( 2.3 kg ) tension
a Small size, simple installation
Leads solderable per MIL-STD-202,
Method 208
a High surge current capability
DB
DBS
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
DB101G DB102G DB103G DB104G DB105G DB106G DB107G
Type Number
DBS
101G
DBS
102G
DBS
103G
DBS
104G
DBS
105G
DBS
106G
DBS
107G
Units
Maximum Recurrent Peak Reverse Voltage
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
@TA = 40°C
1.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated Load
(JEDEC method )
50
A
Maximum Instantaneous Forward Voltage
@ 1.0A
1.1
V
Maximum DC Reverse Current @ TA=25°C
at Rated DC Blocking Voltage @ TA=125°C
10
500
uA
uA
Operating Temperature Range TJ
-55 to +150
°C
Storage Temperature Range TSTG
-55 to +150
°C
Note: DBS for Surface Mount Package.


Similar Part No. - DB105G

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
DB105G ZOWIE-DB105G Datasheet
52Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
DB105G LUGUANG-DB105G Datasheet
248Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
Kingtronics Internation...
DB105G KINGTRONICS-DB105G Datasheet
216Kb / 18P
BRIDGE RECTIFIER
logo
America Semiconductor, ...
DB105G AMERICASEMI-DB105G Datasheet
440Kb / 2P
BRIDGE RECTIFIERS
logo
GeneSiC Semiconductor, ...
DB105G GENESIC-DB105G Datasheet
311Kb / 3P
Silicon Bridge Rectifier
More results

Similar Description - DB105G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
KBP100G JGD-KBP100G Datasheet
122Kb / 2P
SINGLE PHASE 1.0 AMP GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
1W005 TSC-1W005_1 Datasheet
88Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
ABS2 TSC-ABS2 Datasheet
58Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
KBP101G TSC-KBP101G_10 Datasheet
468Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
Shenzhen Luguang Electr...
DB101 LUGUANG-DB101 Datasheet
255Kb / 2P
Single Phase 1.0 AMP Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
ABS2 YEASHIN-ABS2 Datasheet
751Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
Nanjing International G...
LB10M DGNJDZ-LB10M Datasheet
313Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
DB107S- DGNJDZ-DB107S- Datasheet
262Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
ABS2 DGNJDZ-ABS2_02 Datasheet
416Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
Bytesonic Electronics C...
ABS2 BYTESONIC-ABS2 Datasheet
680Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
Version 1.3 2015/4/15
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com