Electronic Components Datasheet Search
  English  ▼

X  

BU2520AX Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BU2520AX
Description  Silicon Diffused Power Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU2520AX Datasheet(HTML) 4 Page - NXP Semiconductors

  BU2520AX Datasheet HTML 1Page - NXP Semiconductors BU2520AX Datasheet HTML 2Page - NXP Semiconductors BU2520AX Datasheet HTML 3Page - NXP Semiconductors BU2520AX Datasheet HTML 4Page - NXP Semiconductors BU2520AX Datasheet HTML 5Page - NXP Semiconductors BU2520AX Datasheet HTML 6Page - NXP Semiconductors BU2520AX Datasheet HTML 7Page - NXP Semiconductors BU2520AX Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2520AX
Fig.7. Typical DC current gain. h
FE = f (IC)
parameter V
CE
Fig.8. Typical base-emitter saturation voltage.
V
BEsat = f (IC); parameter IC/IB
Fig.9. Typical collector-emitter saturation voltage.
V
CEsat = f (IC); parameter IC/IB
Fig.10. Typical base-emitter saturation voltage.
V
BEsat = f (IB); parameter IC
Fig.11. Typical collector-emitter saturation voltage.
V
CEsat = f (IB); parameter IC
Fig.12. Typical turn-off losses. T
j = 85˚C
Eoff = f (I
B); parameter IC; parameter frequency
0.1
10
IC / A
hFE
100
10
1
1
100
Tj = 25 C
Tj = 125 C
5 V
1 V
0
1
2
3
4
IB / A
VBESAT / V
1.2
1.1
1
0.9
0.8
0.7
0.6
Tj = 25 C
Tj = 125 C
IC=
8 A
6 A
5 A
4 A
0.1
1
10
IC / A
VBESAT / V
1.2
1.1
1
0.9
0.8
0.7
0.6
0.5
0.4
Tj = 25 C
Tj = 125 C
IC/IB=
3
4
5
0.1
1
10
IB / A
VCESAT / V
10
1
0.1
Tj = 25 C
Tj = 125 C
IC = 4 A
5 A
6 A
8 A
0.1
10
IC / A
VCESAT / V
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1
100
Tj = 25 C
Tj = 125 C
IC/IB =
4
5
3
0.1
1
10
IB / A
Eoff / uJ
1000
100
10
IC = 6 A
5 A
16 kHz
32 kHz
September 1997
4
Rev 2.200



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com