Electronic Components Datasheet Search
  English  ▼

X  

PC3H2 Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC3H2
Description  High Resistance to Noise, Half Pitch Photocoupler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3H2 Datasheet(HTML) 4 Page - Sharp Corporation

  PC3H2 Datasheet HTML 1Page - Sharp Corporation PC3H2 Datasheet HTML 2Page - Sharp Corporation PC3H2 Datasheet HTML 3Page - Sharp Corporation PC3H2 Datasheet HTML 4Page - Sharp Corporation PC3H2 Datasheet HTML 5Page - Sharp Corporation PC3H2 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PC3H2/PC3Q62
0
150
100
50
−40
−20
0
20
40
60
80
100
Ambient temperature Ta (°C)
IF=1mA
VCE=5V
td
tr
tf
ts
0.1
1.0
10.0
100.0
0.1
1
10
Load resistance RL (kΩ)
VCE=2V
IC=2mA
Ta=25°C
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
−40
−20
0
20
40
60
80
100
Ambient temperaturet Ta (°C)
IF=20mA
IC=1mA
10
−9
10
−8
10
−7
10
−6
10
−5
10
−4
−40
−20
0
20
40
60
80
100
Ambient temperature Ta (°C)
VCE=50V
Fig.10 Relative Current Transfer Ratio vs.
Ambient Temperature
Fig.11 Collector-emitter Saturation
Voltage vs. Ambient Temperature
Fig.13 Response Time vs. Load Resistance
Fig.12 Collector Dark Current vs. Ambient
Temperature
0
100
200
300
1
10
100
Forward current IF (mA)
VCE=5V
Ta=25°C
IF=30mA
20mA
PC (max)
10mA
5mA
1mA
0
10
20
30
40
50
0
2
4
6
8
10
Collector-emitter voltage VCE (V)
Ta=25°C
Fig.8 Current Transfer Ratio vs. Forward
Current
Fig.9 Collector Current vs. Collector-emitter
Voltage



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com