Electronic Components Datasheet Search
  English  ▼

X  

PC3H2B Datasheet(PDF) 9 Page - Sharp Corporation

Part # PC3H2B
Description  Mini-flat Half Pitch Package, High CMR Photocoupler
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3H2B Datasheet(HTML) 9 Page - Sharp Corporation

Back Button PC3H2B Datasheet HTML 5Page - Sharp Corporation PC3H2B Datasheet HTML 6Page - Sharp Corporation PC3H2B Datasheet HTML 7Page - Sharp Corporation PC3H2B Datasheet HTML 8Page - Sharp Corporation PC3H2B Datasheet HTML 9Page - Sharp Corporation PC3H2B Datasheet HTML 10Page - Sharp Corporation PC3H2B Datasheet HTML 11Page - Sharp Corporation PC3H2B Datasheet HTML 12Page - Sharp Corporation PC3H2B Datasheet HTML 13Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Sheet No.: D2-A01101EN
■ Design Considerations
While operating at IF<1.0mA, CTR variation may increase.
Please make design considering this fact.
In case that some sudden big noise caused by voltage variation is provided between primary and secondary
terminals of photocoupler some current caused by it is floating capacitance may be generated and result in
false operation since current may go through IRED or current may change.
If the photocoupler may be used under the circumstances where noise will be generated we recommend to
use the bypass capacitors at the both ends of IRED.
This product is not designed against irradiation and incorporates non-coherent IRED.
● Degradation
In general, the emission of the IRED used in photocouplers will degrade over time.
In the case of long term operation, please take the general IRED degradation (50% degradation over 5years)
into the design consideration.
● Recommended Foot Print (reference)
✩ For additional design assistance, please review our corresponding Optoelectronic Application Notes.
9
1.5
6.3
(Unit : mm)
● Design guide
PC3H2 Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com