Electronic Components Datasheet Search
  English  ▼

X  

PC3H2D Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC3H2D
Description  Mini-flat Half Pitch Package, High CMR Photocoupler
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3H2D Datasheet(HTML) 1 Page - Sharp Corporation

  PC3H2D Datasheet HTML 1Page - Sharp Corporation PC3H2D Datasheet HTML 2Page - Sharp Corporation PC3H2D Datasheet HTML 3Page - Sharp Corporation PC3H2D Datasheet HTML 4Page - Sharp Corporation PC3H2D Datasheet HTML 5Page - Sharp Corporation PC3H2D Datasheet HTML 6Page - Sharp Corporation PC3H2D Datasheet HTML 7Page - Sharp Corporation PC3H2D Datasheet HTML 8Page - Sharp Corporation PC3H2D Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1. Recognized by UL1577 (Double protection isolation),
file No. E64380 (as model No. PC3H2)
2. Package resin : UL flammability grade (94V-0)
■ Features
■ Agency approvals/Compliance
1. Programmable controllers
■ Applications
Mini-flat Half Pitch Package,
High CMR
Photocoupler
1. 4-pin Mini-flat Half pitch package (Lead pitch :
1.27mm)
2. Double transfer mold package (Ideal for Flow Solder-
ing)
3. High collector-emitter voltage (VCEO : 80V(∗))
4. High noise immunity due to high common mode re-
jection voltage (CMR : MIN. 10kV/
µs)
5. Isolation voltage between input and output (Viso(rms) :
2.5kV)
(*) Up to Date code "P9" (September 2002) VCEO : 70V.
■ Description
PC3H2 Series contains a IRED optically coupled to
a phototransistor.
It is packaged in a 4-pin Mini-flat, Half pitch type.
Input-output isolation voltage(rms) is 2.5kV.
Collector-emitter voltage is 80V(*), CTR is 20% to
400% at input current of 1mA and CMR is MIN. 10kV/
µs.
1
Sheet No.: D2-A01101EN
Date Sep. 30. 2003
© SHARP Corporation
Notice The content of data sheet is subject to change without prior notice.
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
PC3H2 Series
4-channel package type is also available. (model No. PC3Q62)
PC3H2 Series


Similar Part No. - PC3H2D

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3H2 SHARP-PC3H2 Datasheet
82Kb / 6P
High Resistance to Noise, Half Pitch Photocoupler
More results

Similar Description - PC3H2D

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC352NJ0000F SHARP-PC352NJ0000F Datasheet
238Kb / 14P
Mini-flat Package, High CMR Photocoupler
PC3H410NIP0F SHARP-PC3H410NIP0F Datasheet
199Kb / 13P
Mini-flat Half Pitch Package, High CMR, AC Input, Low Input Current Photocoupler
PC3H7J00000F SHARP-PC3H7J00000F Datasheet
194Kb / 13P
Mini-flat Half Pitch Package, General Purpose Photocoupler
PC354M1J000F SHARP-PC354M1J000F Datasheet
194Kb / 13P
Mini-flat Half Pitch Package, General Purpose Photocoupler
PC3H4AJ0000F SHARP-PC3H4AJ0000F Datasheet
200Kb / 13P
Mini-flat Half Pitch Package, AC Input Photocoupler
PC3H710NIP0F SHARP-PC3H710NIP0F Datasheet
198Kb / 13P
Mini-flat Half Pitch Package High CMR, Low Input Current Photocoupler
PC3H711NIP0F SHARP-PC3H711NIP0F Datasheet
198Kb / 13P
Mini-flat Half Pitch Package High CMR, Low Input Current Photocoupler
PC3H4KJ0000F SHARP-PC3H4KJ0000F Datasheet
200Kb / 13P
Mini-flat Half Pitch Package, AC Input Photocoupler
PC3H411NIP SHARP-PC3H411NIP Datasheet
189Kb / 13P
Mini-flat Half Pitch Package, High CMR, AC Input, Low Input Current Photocoupler
PC3H411NIP0F SHARP-PC3H411NIP0F Datasheet
396Kb / 13P
Mini-flat Half Pitch Package, High CMR, AC Input, Low Input Current Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com