Electronic Components Datasheet Search
  English  ▼

X  

RPM6940 Datasheet(PDF) 4 Page - Rohm

Part # RPM6940
Description  Remote control photosensitive IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RPM6940 Datasheet(HTML) 4 Page - Rohm

  RPM6940 Datasheet HTML 1Page - Rohm RPM6940 Datasheet HTML 2Page - Rohm RPM6940 Datasheet HTML 3Page - Rohm RPM6940 Datasheet HTML 4Page - Rohm RPM6940 Datasheet HTML 5Page - Rohm RPM6940 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
557
Communication ICs
RPM6900 Series
FMeasurement circuit
FRecommended application
S Please place filter (resistors and capacitors) as close to the receiver as possible.
S In order to stable operation, using serial resistor (47Ω) on power supply line and capacitor (more than 47µF) between
power supply and GND is recommended.
(This reduce influence by switching power supply ripple and ripple which caused by the change of micro controller load
and other circuits load.)
Without the above circuit, Arrival distance might be less due to noise pulse on output wave.
(In case even with the above mentioned value, please change bigger capacitance.)
FOperation notes
(1) All characteristics of the receiver in this specification
are specified by supplying burst wave form with ROHM
standard transmitter (Fig.2).
If in case of other burst wave form will be used, please
check these spec. Carefully under the evaluations.
(2) When the receiver will be used as the wire-less re-
mote controller, please use the signal method the signal
format which refer to “Measures to prevent miss-func-
tioning of IR remote-controlled electric home ap-
pliances”.
(Published July 1987 by Association of Electric Home
Appliances)
However, please use the standard pulse width (T) of
greater than 0.4ms and less than 0.6ms (0.4ms < T <
0.6ms)
If using other signal method, signal format, (ex: signal for-
mat which not including the leader signal) the receiver
might have chances to miss-function.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com