Electronic Components Datasheet Search
  English  ▼

X  

UPB587G Datasheet(PDF) 5 Page - NEC

Part # UPB587G
Description  1.0 GHz DIVIDE- BY- 2/4/8 PRESCALER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPB587G Datasheet(HTML) 5 Page - NEC

  UPB587G Datasheet HTML 1Page - NEC UPB587G Datasheet HTML 2Page - NEC UPB587G Datasheet HTML 3Page - NEC UPB587G Datasheet HTML 4Page - NEC UPB587G Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
UPB587B, UPB587G
OUTLINE DIMENSIONS (Units in mm)
PIN CONNECTION
1.
VCC1
2. Input
3.
Bypass
4. GND
5.
M1
6. M2
7.
Output
8. VCC2
8
7
6
5.70 MAX
5
1
2
3
4
N
1.49
1.8 MAX
0.1 ± 0.1
0.40
+0.10
-0.05
0.94 MAX
0.15
+0.10
-0.05
6.5 ± 0.3
4.4
1.1
0.6 ± 0.2
1.27
UPB587G
PACKAGE OUTLINE G08
7.0±0.5
2.6
4.4±0.2
10.4±0.5
1.7 MAX
1.27
±0.1
1.27
±0.1
1.27
±0.1
8
7
6
5
1
2
3
4
0.4
5.0±0.2
0.2
+0.05
-0.02
PIN
CONNECTION
1. VCC1
2. Input
3. Bypass
4. GND
5. M1
6. M2
7. Output
8. VCC2
UPB587B
PACKAGE OUTLINE BF08
Note:
1. Control Voltages:
VM
VM
PIN 5 or 6
PIN 5 or 6
R
WITHOUT EXTERNAL RESISTOR
WITH EXTERNAL RESISTOR (R = 300 k
Ω)
PART NUMBER
QTY
UPB587G-E1
2500/Reel
ORDERING INFORMATION
PIN DESCRIPTION
Division Ratio Control1
M1
M2
Division Ratio
L
L
1/8
L
H
1/4
H
H
1/2
PIN NO.
SYMBOL
DESCRIPTION
1VCC1
Power Supply Pin of Input Amplifier
and Divider
2
INPUT
Signal Input Pin
3
BYPASS
Input Bypass Pin, shall be connected
to ground through bypass capacitor
4
GND
Ground Pin
5M1
6M2
7
OUTPUT
Output Pin
8VCC2
Power Supply of Output Buffer
587
XXX
XXX = Lot/Date Code
MIN
MAX
HIGH
VCC - 0.2 V
VCC + 0.5
VM
LOW
0 V
VCC - 0.3
MIN
MAX
HIGH
VCC
VCC + 1.1 V
VM
LOW
0 V
VCC - 0.5
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES • Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only) • Internet: http://WWW.CEL.COM
PRINTED IN USA ON RECYCLED PAPER -3/97
DATA SUBJECT TO CHANGE WITHOUT NOTICE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com