Electronic Components Datasheet Search
  English  ▼

X  

LM2694SD Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2694SD
Description  30V, 600 mA Step Down Switching Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2694SD Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM2694SD Datasheet HTML 11Page - National Semiconductor (TI) LM2694SD Datasheet HTML 12Page - National Semiconductor (TI) LM2694SD Datasheet HTML 13Page - National Semiconductor (TI) LM2694SD Datasheet HTML 14Page - National Semiconductor (TI) LM2694SD Datasheet HTML 15Page - National Semiconductor (TI) LM2694SD Datasheet HTML 16Page - National Semiconductor (TI) LM2694SD Datasheet HTML 17Page - National Semiconductor (TI) LM2694SD Datasheet HTML 18Page - National Semiconductor (TI) LM2694SD Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Applications Information (Continued)
Item
Description
Value
C1
Ceramic Capacitor
3.3 µF, 50V
C2
Ceramic Capacitor
22 µF, 16V
C4, C6
Ceramic Capacitor
0.022 µF, 16V
C3, C5
Ceramic Capacitor
0.1 µF, 50V
D1
Schottky Diode
60V, 1A
L1
Inductor
150 µH
R1
Resistor
2.5 k
Ω
R2
Resistor
2.5 k
Ω
R3
Resistor
1.5
Ω
R
ON
Resistor
140 k
Ω
U1
National Semi LM2694
MINIMUM LOAD CURRENT
The LM2694 requires a minimum load current of 500 µA. If
the load current falls below that level, the bootstrap capacitor
(C4) may discharge during the long off-time, and the circuit
will either shutdown, or cycle on and off at a low frequency.
If the load current is expected to drop below 500 µA in the
application, R1 and R2 should be chosen low enough in
value so they provide the minimum required current at nomi-
nal V
OUT.
LOW OUTPUT RIPPLE CONFIGURATIONS
For applications where low output voltage ripple is required
the output can be taken directly from the low ESR output
capacitor (C2) as shown in Figure 16. However, R3 slightly
degrades the load regulation. The specific component val-
ues, and the application determine if this is suitable.
Where the circuit of Figure 16 is not suitable for reducing
output ripple, the circuits of Figure 17 or Figure 18 can be
used.
20187032
FIGURE 14. Efficiency vs Load Current and V
IN
Circuit of Figure 13
20187033
FIGURE 15. Frequency vs V
IN
Circuit of Figure 13
20187034
FIGURE 16. Low Ripple Output
20187035
FIGURE 17. Low Output Ripple Using a Feedforward
Capacitor
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com