Electronic Components Datasheet Search
  English  ▼

X  

LT3020 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3020
Description  100mA, Low Voltage, Very Low Dropout Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3020 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3020 Datasheet HTML 8Page - Linear Technology LT3020 Datasheet HTML 9Page - Linear Technology LT3020 Datasheet HTML 10Page - Linear Technology LT3020 Datasheet HTML 11Page - Linear Technology LT3020 Datasheet HTML 12Page - Linear Technology LT3020 Datasheet HTML 13Page - Linear Technology LT3020 Datasheet HTML 14Page - Linear Technology LT3020 Datasheet HTML 15Page - Linear Technology LT3020 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT3020/LT3020-1.2/
LT3020-1.5/LT3020-1.8
sn3020 3020fas
APPLICATIO S I FOR ATIO
If the LT3020 is powered by a battery mounted in close
proximity on the same circuit board, a 2.2µF input capaci-
tor is sufficient for stability. However, if the LT3020 is
powered by a distant supply, use a larger value input
capacitor following the guideline of roughly 1µF (in addi-
tion to the 2.2µF minimum) per 8 inches of wire length. As
power supply output impedance may vary, the minimum
input capacitance needed to stabilize the application may
also vary. Extra capacitance may also be placed directly on
the output of the power supply; however, this will require
an order of magnitude more capacitance as opposed to
placing extra capacitance in close proximity to the LT3020.
Furthermore, series resistance may be placed between the
supply and the input of the LT3020 to stabilize the appli-
cation; as little as 0.1Ω to 0.5Ω will suffice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com