Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 167 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 167 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 163Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 164Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 165Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 166Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 167Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 168Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 169Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 170Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 171Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 555 page
background image
Revision 0.8
167
www.national.com
PMC Functional Description (Continued)
GPE[23:0]
(General Purpose
Power Manage-
ment Events in
Working Domain)
Working
If GPE_EN[23:0] are enabled (ACPI I/O Offset 1Ch[23:0] = 1), the corresponding
status bit (GPE_STS[23:0]) in GPE0_STS (ACPI I/O Offset 18h[23:0]) is set and an
SCI is generated.
Sleep
If GPE_EN[23:0] are enabled (ACPI I/O Offset 1Ch[23:0] = 1), SCI generation and
wakeup from the event is enabled (i.e., sets the WAK_STS bit, ACPI I/O Offset
00h[15] = 1).
GPE[31:24]
(General Purpose
Power Manage-
ment Events in
Standby Domain)
Working
If GPE_EN[31:24] are enabled (ACPI I/O Offset 1Ch[31:24] = 1), the corresponding
status bit (GPE_STS[31:24]) in GPE0_STS (ACPI I/O Offset 18h[23:0]) is set and an
SCI is generated.
Sleep
If GPE_EN[31:24] are enabled (ACPI I/O Offset 1Ch[23:0] = 1), SCI generation and
wakeup from the event is enabled (i.e., sets the WAK_STS bit, ACPI I/O Offset
00h[15] = 1).
Standby
If GPE_EN[31:24] are enabled (ACPI I/O Offset 1Ch[31:24] = 1), the corresponding
status bit (GPE_STS[31:24]) in GPE0_STS (ACPI I/O Offset 18h[23:0]) is set, and
SCI generation and wakeup from the event is enabled (i.e., sets the WAK_STS bit,
ACPI I/O Offset 00h[15] = 1).
The following events caused a Standby state entry.
RESET_STAND#
Working
If asserted, the corresponding status bit (OFF_FLAG) in PM_SSC (PMS I/O Offset
54h[0]) is set and causes a Reset Standby state entry. No Working or Standby
power.
Sleep
If asserted, the corresponding status bit (OFF_FLAG) in PM_SSC (PMS I/O Offset
54h[0]) is set and causes a Reset Standby state entry. No Working or Standby
power.
Standby
If asserted in Restart, or Normal or Faulted Standby state, the corresponding status
bit (OFF_FLAG) in PM_SSC (PMS I/O Offset 54h[0]) is set and causes a Reset
Standby state entry.
LVD circuit detects
low voltage on
VCORE
Working
If de-asserted, the status bit (LVD_FLAG) in PM_SSC (PMS I/O Offset 54h[2]) is set
and causes an Faulted Standby state entry. Working power is turned-off.
Sleep
If de-asserted, the status bit (LVD_FLAG) in PM_SSC (PMS I/O Offset 54h[2]) is set
and causes an Faulted Standby state entry. Working power is turned-off.
Standby
If de-asserted in Restart state, the status bit (LVD_FLAG) in PM_SSC (PMS I/O Off-
set 54h[2]) is set and causes an Faulted Standby state entry.
PWR_BTN#
Working
If enabled and asserted for four seconds (fail-safe), the status bit (PWRBUT_FLAG)
in PM_SSC (PMS I/O Offset 54h[3]) is set and causes an Faulted Standby state
entry. Working power is turned-off.
Sleep
If enabled and asserted for four seconds (fail-safe), the status bit (PWRBUT_FLAG)
in PM_SSC (PMS I/O Offset 54h[3]) is set and causes an Faulted Standby state
entry. Working power is turned-off.
Standby
If enabled and asserted for four seconds (fail-safe) while in Normal or Restart state,
the status bit (PWRBUT_FLAG) in PM_SSC (PMS I/O Offset 54h[3]) is set and
causes a Faulted Standby state entry.
THRM_ALRM#
Working
If enabled and asserted for a programmable amount of time, the status bit
(THRM_FLAG) in PM_SSC (PMS I/O Offset 54h[4]) is set and causes an Faulted
Standby state entry. Working power is turned-off.
Sleep
If enabled and asserted for a programmable amount of time, the status bit
(THRM_FLAG) in PM_SSC (PMS I/O Offset 54h[4]) is set and causes an Faulted
Standby state entry. Working power is turned-off.
Standby
If asserted in Normal or Re-start state, the status bit (THRM_FLAG) in PM_SSC
(PMS I/O Offset 54h[4]) is set and causes a Faulted state entry.
Table 4-35. PM Events and Functions (Continued)
Event
Current
State
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com