Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 171 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 171 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 167Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 168Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 169Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 170Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 171Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 172Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 173Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 174Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 175Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 555 page
background image
Revision 0.8
171
www.national.com
Flash Controller Functional Description (Continued)
Software Operation
The NAND Flash contains a redundant data area contain-
ing ECC fields. While writing to the NAND Flash, the hard-
ware ECC engine calculates ECC parity, if it is enabled
properly. Software can write the ECC parity bits to the ECC
field after writing the data area. When software reads the
data from NAND Flash, the hardware ECC engine calcu-
lates ECC parity. After the data is read from the NAND
Flash, software can compare the ECC parity in the hard-
ware ECC engine and the ECC parity in the ECC field of
the NAND Flash to determine if the data block is correct.
Each data bit has 11 corresponding parity bits, which can
be determined by the bit address. If one data bit is different
from its original value, 11 ECC parity bits are changed from
the original ECC parity bits. Take the ECC parity from the
hardware ECC engine and perform bit-wise exclusive OR
with it and the ECC parity field in NAND Flash. The result
can be as follows.
1)
All bits are 0. The data is correct.
2)
Eleven bits are 1. One bit error has been detected.
Use the eleven bits to identify the error bit position.
3)
One bit is 1. One bit in ECC field is corrupt. Data area
should be OK.
4)
Otherwise, two or more data bits are corrupt. Cannot
be corrected.
4.18.2 NOR Flash Controller/General Purpose Chip
Select
The NOR Flash Controller supports up to four independent
chip selects that can be used for NOR Flash devices or
General Purpose Chip Selects (GPCS). Up to 28 bits of
address is supported for each chip select, allowing byte-
wide linear arrays up to 256 MB in memory space. Chips
selects may also be located in I/O space, but the usable
address bits are limited by the over all limits of I/O space.
Each chip select is independently programmable:
• Address Setup: Defaults to seven Local bus clocks
• Read/Write Strobe Width: Defaults to seven Local bus
clocks
• Address Hold: Defaults to seven Local bus clocks cycles
• Optional Wait State Insertion: Defaults off, driven by an
external input (FLASH_IOCHRDY) to be used by
General Purpose devices.
• Optional Write Protect: Defaults protected
These settings are located in MSR space and on hard
reset default to the settings listed above. Hence, virtually
any NOR device can be used immediately out of reset for
first instruction fetch. After booting, delays can be pro-
grammed as appropriate.
Table 4-36. ECC Parity and Bit Address Relationship
Parity
Bit Address
Parity
Bit Address
CP0
xxxx_xxxx, xx0
CP1
xxxx_xxxx, xx1
CP2
xxxx_xxxx, x0x
CP3
xxxx_xxxx, x1x
CP4
xxxx_xxxx, 0xx
CP5
xxxx_xxxx, 1xx
LP00
xxxx_xxx0, xxx
LP01
xxxx_xxx1, xxx
LP02
xxxx_xx0x, xxx
LP03
xxxx_xx1x, xxx
LP04
xxxx_x0xx, xxx
LP05
xxxx_x1xx, xxx
LP06
xxxx_0xxx, xxx
LP07
xxxx_1xxx, xxx
LP08
xxx0_xxxx, xxx
LP09
xxx1_xxxx, xxx
LP10
xx0x_xxxx, xxx
LP11
xx1x_xxxx, xxx
LP12
x0xx_xxxx, xxx
LP13
x1xx_xxxx, xxx
LP14
0xxx_xxxx, xxx
LP15
1xxx_xxxx, xxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com