Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 210 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 210 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 206Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 207Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 208Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 209Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 210Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 211Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 212Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 213Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 214Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 555 page
background image
www.national.com
210
Revision 0.8
GLIU Register Descriptions (Continued)
5.1.4
IOD Descriptor MSRs
5.1.4.1
IOD Base Mask Descriptors (GLIU_IOD_BM[x])
IOD Base Mask 0 (GLIU_IOD_BM0)
IOD Base Mask 1 (GLIU_IOD_BM1)
IOD Base Mask 2 (GLIU_IOD_BM2)
IOD Base Mask 3 (GLIU_IOD_BM3)
IOD Base Mask 4 (GLIU_IOD_BM4)
IOD Base Mask 5 (GLIU_IOD_BM5)
IOD Base Mask 6 (GLIU_IOD_BM6)
IOD Base Mask 7 (GLIU_IOD_BM7)
IOD Base Mask 8 (GLIU_IOD_BM8)
IOD Base Mask 9 (GLIU_IOD_BM9)
MSR Address
510100E0h
Type
R/W
Reset Value
60000000_1F0FFFF0h
MSR Address
510100E1h
Type
R/W
Reset Value
000000FF_FFF00000h
MSR Address
510100E2h
Type
R/W
Reset Value
000000FF_FFF00000h
MSR Address
510100E3h
Type
R/W
Reset Value
000000FF_FFF00000h
MSR Address
510100E4h
Type
R/W
Reset Value
000000FF_FFF00000h
MSR Address
510100E5h
Type
R/W
Reset Value
000000FF_FFF00000h
MSR Address
510100E6h
Type
R/W
Reset Value
000000FF_FFF00000h
MSR Address
510100E7h
Type
R/W
Reset Value
000000FF_FFF00000h
MSR Address
510100E8h
Type
R/W
Reset Value
000000FF_FFF00000h
MSR Address
510100E9h
Type
R/W
Reset Value
000000FF_FFF00000h
GLIU_IOD_BM[x] Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
IDID_BM
RSVD
IBASE
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
87654321
0
IBASE_BM
IMASK_BM
GLIU_IOD_BM[x] Bit Descriptions
Bit
Name
Description
63:61
IDID_BM
I/O Descriptor Destination ID. These bits define which port to route the request to if it is
a hit based on the other settings in this register.
000: Port 0 (GLIU)
100: Port 4 (DD)
001: Port 1 (GLPCI_SB)
101: Port 5 (ACC)
010: Port 2 (USBC2)
110: Port 6 (USBC1)
011: Port 3 (ATAC)
111: Port 7 (GLCP)
60
ICMP_BIZ_BM
Compare BIZZARO Flag.
0: Consider only transactions whose BIZZARO flag is low as a potentially valid address
hit. A low BIZZARO flag indicates a normal transaction cycle such as a memory or
I/O.
1: Consider only transactions whose BIZZARO flag is high as a potentially valid address
hit. A high BIZZARO flag indicates a ‘special’ transaction, such as a PCI Shutdown or
Halt cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com