Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 214 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 214 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 210Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 211Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 212Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 213Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 214Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 215Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 216Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 217Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 218Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 555 page
background image
www.national.com
214
Revision 0.8
GLPCI_SB Register Descriptions (Continued)
5.2.1
Standard GeodeLink Device MSRs
5.2.1.1
GeodeLink Device Capabilities MSR (GLPCI_GLD_MSR_CAP)
5100002Dh
R/W
Region 13 Configuration (GLPCI_R13)
00000000_00000000h
Page 223
5100002Eh
R/W
Region 14 Configuration (GLPCI_R14)
00000000_00000000h
Page 223
5100002Fh
R/W
Region 15 Configuration (GLPCI_R15)
00000000_00000000h
Page 223
51000030h
RO
PCI Configuration Space Header Byte 0-3
(GLPCI_PCIHEAD_BYTE0-3)
00000000_002A100Bh
Page 224
51000031h
RO
PCI Configuration Space Header Byte 4-7
(GLPCI_PCIHEAD_BYTE4-7)
00000000_00000000h
Page 224
51000032h
RO
PCI Configuration Space Header Byte 8-B
(GLPCI_PCIHEAD_BYTE8-B)
00000000_00000000h
Page 224
51000033h
RO
PCI Configuration Space Header Byte C-F
(GLPCI_PCIHEAD_BYTEC-F)
00000000_00000000h
Page 224
Table 5-7. PCI Configuration Registers
Index
Type
Width
(Bits)
Name
Reset Value
Reference
00h
RO
32
(Note 1)
Note 1. Read address bits [1:0] are ignored and taken as 00.
PCI Configuration Space Header Byte 0-3
(GLPCI_PCI_HEAD_BYTE0-3)
002A100Bh
Page 225
04h
RO
32
(Note 1)
PCI Configuration Space Header Byte 4-7
(GLPCI_PCI_HEAD_BYTE4-7)
00000000h
Page 226
08h
RO
32
(Note 1)
PCI Configuration Space Header Byte 8-B
(GLPCI_PCI_HEAD_BYTE8-B)
FF0000xxh
Page 226
0Ch
RO
32
(Note 1)
PCI Configuration Space Header Byte C-F
(GLPCI_PCI_HEAD_BYTEC-F)
00000000h
Page 227
F0h
R/W
32
PCI MSR Control (GLPCI_PMCTRL)
00000001h
Page 227
F4h
R/W
32
PCI MSR Address (GLPCI_PMADDR)
00000000h
Page 228
F8h
R/W
32
PCI MSR Data 0 (GLPCI_PMDATA0)
00000000h
Page 228
FCh
R/W
32
PCI MSR Data 1 (GLPCI_PMDATA1)
00000000h
Page 229
MSR Address
51000000h
Type
RO
Reset Value
00000000_002051xxh
GLPCI_GLD_MSR_CAP Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
RSVD
DEV_ID
REV_ID
Table 5-6. GLPCI_SB Specific MSRs Summary
MSR Address
Type
Register
Reset Value
Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com