Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 260 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 260 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 256Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 257Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 258Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 259Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 260Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 261Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 262Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 263Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 264Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 555 page
background image
www.national.com
260
Revision 0.8
ATAC Register Descriptions (Continued)
5.4.3.3
Bus Master 0 PRD Table Address - Primary (ATAC_BM0_PRD)
ATAC I/O Address 04h
Type
R/W
Reset Value
00000000h
ATAC_BM0_PRD Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
PRD_PNTR
RSVD
ATAC_BM0_PRD Bit Descriptions
Bit
Name
Description
31:2
PRD_PNTR
Pointer to the Physical Region Descriptor Table. This register is a PRD table pointer
for IDE Bus Master 0.
When written, this register points to the first entry in a PRD table. Once IDE Bus Master
0 is enabled (Command Register bit 0 = 1), it loads the pointer and updates this register
to the next PRD by adding 08h.
When read, this register points to the next PRD.
1:0
RSVD
Reserved. Set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com