Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 261 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 261 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 257Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 258Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 259Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 260Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 261Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 262Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 263Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 264Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 265Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 555 page
background image
Revision 0.8
261
www.national.com
5.5
USB CONTROLLER REGISTER DESCRIPTIONS
The control registers allow software to communicate with
the USB Controller. These control registers can be broadly
divided into four register sets:
• Standard GeodeLink Device MSRs
• USB Specific MSRs
• USB Embedded PCI Configuration Registers
• Host Controller Native Registers
The MSRs (both Standard and Specific) are accessed via
the RDMSR and WRMSR processor instructions. The MSR
address is derived from the perspective of the CPU Core.
See Section 3.2 "CS5535 MSR Addressing" on page 53 for
more details on MSR addressing. The USB Transceiver
Control MSR (MSR_USBXCVR) is dedicated to the USB
transceivers and allows software to control transceiver volt-
age and current settings. It also provides a mechanism by
which the software can turn on or turn off the transmitter
side of the transceiver for power management purposes.
The embedded PCI Configuration Registers are 32-bit reg-
isters decoded from the embedded PCI address bits 7
through 2 and C/BE[3:0]#, when IDSEL is high, AD[10:8]
select the appropriate function, and AD[1:0] are 00. This
embedded PCI bus is accessed via special GeodeLink
Adapter MSR accesses. Bytes within a 32-bit address are
selected with the valid byte enables. All registers can be
accessed via 8, 16, or 32-bit cycles (i.e., each byte is indi-
vidually selected by the byte enables.) Registers marked
as reserved, and reserved bits within a register are not
implemented and should return 0s when read. Writes have
no effect for reserved registers.
The Host Controller (HC) contains a set of on-chip opera-
tional registers that are mapped into a non-cacheable por-
tion of the system addressable space. These registers are
used by the Host Controller Driver (HCD). According to the
function of these registers, they are divided into four parti-
tions, specifically for Control and Status, Memory Pointer,
Frame Counter and Root Hub. All of the registers should be
read and written as DWORDs. To ensure interoperability,
the Host Controller driver that does not use a reserved field
should not assume that the reserved field contains 0. Fur-
thermore, the Host Controller driver should always pre-
serve the value(s) of the reserved field. When a R/W
register is modified, the Host Controller driver should first
read the register, modify the bits desired, then write the
register with the reserved bits still containing the read
value. Alternatively, the Host Controller Driver can maintain
an in-memory copy of previously written values that can be
modified and then written to the Host Controller register.
When a write to set/clear register is written, bits written to
reserved fields should be 0. These registers can be
grouped into four functional groups: Host Controller control
and status registers, memory pointers, frame counter and
control registers, and Root Hub status and control.
• Host Controller control and status registers define the
operating mode of the host controller. They reflect
current status of the host controller, provide interrupt
control and status, and reflect error status conditions.
• Memory pointers provide pointers to the data structure
that are required to communicate with the host controller
driver and perform transactions based on the transfer
descriptors that reside in memory.
• Frame counter and control provide frame timing status
and control. This set of registers also govern Start Of the
Frame (SOF) timing and control events that are tied to
frame timing intervals.
• Root Hub status and control registers are dedicated to
the root hub function. Two sets of registers are included
to control the two ports.
Tables 5-13 through 5-16 are register summary tables that
include reset values and page references where the regis-
ter maps and bit descriptions are provided.
Table 5-13. Standard GeodeLink Device MSRs Summary
MSR Address
Type
Register Name
Reset Value
Reference
USBC1: 51600000h
USBC2: 51200000h
RO
GeodeLink Device Capabilities MSR
(USBC_GLD_MSR_CAP)
00000000_002420xxh
Page 264
USBC1: 51600001h
USBC2: 51200001h
R/W
GeodeLink Device Master Configuration
MSR (USBC_GLD_MSR_CONFIG)
00000000_0000F000h
Page 264
USBC1: 51600002h
USBC2: 51200002h
R/W
GeodeLink Device SMI MSR
(USBC_GLD_MSR_SMI)
00000000_00000000h
Page 265
USBC1: 51600003h
USBC2: 51200003h
R/W
GeodeLink Device Error MSR
(USBC_GLD_MSR_ERROR)
00000000_00000000h
Page 266
USBC1: 51600004h
USBC2: 51200004h
R/W
GeodeLink Device Power Management
MSR (USBC_GLD_MSR_PM)
00000000_00000000h
Page 268
USBC1: 51600005h
USBC2: 51200005h
R/W
GeodeLink Device Diagnostic MSR
(USBC_GLD_MSR_DIAG)
00000000_00000000h
Page 269



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com