Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 272 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 272 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 268Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 269Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 270Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 271Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 272Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 273Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 274Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 275Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 276Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 555 page
background image
www.national.com
272
Revision 0.8
USB Register Descriptions (Continued)
5.5.3.5
Device Revision Identification (USBC_PCI_DEVREVID)
5.5.3.6
PCI Class Code (USBC_PCI_CLASS)
USBC_PCI_STS Bit Descriptions
Bit
Name
Description
15
PAR_ERR
Detected Parity Error. This bit is set whenever the USB detects a parity error, even if
the Parity Error (response) detection enable bit (Index 04h[6]) is disabled. Write 1 to
clear.
14
SERR_ERR
SERR# Status. This bit is set whenever the USB detects a PCI address error. Write 1
to clear.
13
RCVD_MSTR_
ABT_STS
Received Master Abort Status. This bit is set when the USB, acting as a PCI master,
aborts a PCI bus memory cycle. Write 1 to clear.
12
RCVD_TRGT_
ABT_STS
Received Target Abort Status. This bit is set when a USB generated PCI cycle (USB
is the PCI master) is aborted by a PCI target. Write 1 to clear.
11
SIG_TRGT_
ABT_STS
Signaled Target Abort Status. This bit is set whenever the USB signals a target abort.
Write 1 to clear.
10:9
DEVSEL_TIME
DEVSEL# Timing (Read Only). These bits indicate the DEVSEL# timing when per-
forming a positive decode. Since DEVSEL# is asserted to meet the medium timing,
these bits are encoded as 01.
8
DATA_PAR
Data Parity Reported. Set to 1 if the Parity Error bit (Command Register bit 6) is set,
and USB detects PERR# asserted while acting as PCI master (whether PERR# was
driven by USB or not).
7FB2B
Fast Back-to-Back Capable (Read Only). USB does support fast back-to-back trans-
actions when the transactions are not to the same agent. This bit is always 1.
6:0
RSVD
Reserved. Set to 0.
Index
08h
Type
RO
Reset Value
06h
USBC_PCI_DEVREVID Register Map
76
54
32
10
DEV_REV_ID
USBC_PCI_DEVREVID Bit Descriptions
Bit
Name
Description
7:0
DEV_REV_ID
Device Revision ID.
Index
09h
Type
RO
Reset Value
0C0310h
USBC_PCI_CLASS Register Map
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
PCI_CLASS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com