Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 273 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 273 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 269Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 270Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 271Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 272Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 273Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 274Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 275Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 276Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 277Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 555 page
background image
Revision 0.8
273
www.national.com
USB Register Descriptions (Continued)
5.5.3.7
Cache Line Size (USBC_PCI_CACHE)
5.5.3.8
Latency Timer (USBC_PCI_LTNCY_TMR)
5.5.3.9
Header Type (USBC_PCI_HEADER)
USBC_PCI_CLASS Bit Descriptions
Bit
Name
Description
23:0
PCI_CLASS
PCI Class. This register identifies this function as an OpenHCI device. The base class
is 0Ch (serial bus controller). The sub class is 03h (universal serial bus). The program-
ming interface is 10h (OpenHCI).
Index
0Ch
Type
R/W
Reset Value
00h
USBC_PCI_CACHE Register Map
76
54
32
10
PCI_CACHE
USBC_PCI_CACHE Bit Descriptions
Bit
Name
Description
7:0
PCI_CACHE
PCI Cache. The USB controller stores the system cache line size, in units of 32-bit
WORDs in bit 3 of this register. A cache line size of 32 bytes is the only one applicable
to this design. Users must set this register to 08h for proper operation. Any value other
than 08h written to this register is read back as 00h.
Index
0Dh
Type
R/W
Reset Value
00h
USBC_PCI_LTNCY_TMR Register Map
76
54
32
10
LTNCY_TMR
USBC_PCI_LTNCY_TMR Bit Descriptions
Bit
Name
Description
7:0
LTNCY_TMR
Latency Timer. This register identifies the value of the latency timer in PCI clocks for
PCI bus master cycles.
Index
0Eh
Type
RO
Reset Value
00h
USBC_PCI_HEADER Register Map
76
54
32
10
PCI_HEADER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com