Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 278 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 278 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 274Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 275Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 276Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 277Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 278Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 279Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 280Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 281Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 282Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 555 page
background image
www.national.com
278
Revision 0.8
USB Register Descriptions (Continued)
USBC_HcControl Bit Descriptions
Bit
Name
HCD
HC
Description
31:11
RSVD
R/W
R/W
Reserved. Read/write 0s.
10
RemoteWakeup
Connected
Enable
R/W
RO
Remote Wakeup Connected Enable. This bit is used by the
HCD to enable or disable the remote wakeup feature upon the
detection of upstream resume signaling. When this bit is set and
the ResumeDetected bit in HcInterruptStatus is set, a remote
wakeup is signaled to the host system. Setting this bit has no
impact on the generation of hardware interrupt.
In the host controller, this bit is cleared to 0 on hardware reset
and is write-read. Otherwise, it does nothing. It can be used as a
flag by software as indicated above. Setting this bit will not enable
or disable remote wakeup. That is covered in the Power Manage-
ment Controller.
9
RemoteWakeup
Connected
R/W
R/W
Remote Wakeup Connected. This bit indicates whether the HC
supports remote wakeup signaling. If remote wakeup is sup-
ported and used by the system it is the responsibility of system
firmware to set this bit during POST. The HC clears the bit upon a
hardware reset but does not alter it upon a software reset.
Remote wakeup signaling of the host system is host-bus-specific
and is not described in this specification.
In the host controller, it is cleared to 0 on hardware reset and is
write-read. Otherwise, it does nothing. It can be used as a flag by
software as indicated above.
8
InterruptRouting
R/W
RO
Interrupt Routing. This bit is used for interrupt routing.
0: Interrupts routed to normal interrupt mechanism (INT).
1: Interrupts routed to SMI.
7:6
HostController
FunctionalState
R/W
R/W
Host Controller Functional State. This field sets the HC state.
The HC may force a state change from UsbSuspend to UsbRe-
sume after detecting resume signaling from a downstream port.
States are:
00: UsbReset.
01: UsbResume.
10: UsbOperational.
11: UsbSuspend.
5
BulkListEnable
R/W
RO
Bulk List Enable. When set, this bit enables processing of the
Bulk list.
4
ControlList
Enable
R/W
RO
Control List Enable. When set, this bit enables processing of
the Control list.
3
Isochronous
Enable
R/W
RO
Isochronous Enable. When clear, this bit disables the Isochro-
nous List when the Periodic List is enabled (so Interrupt EDs may
be serviced). While processing the Periodic List, the HC will
check this bit when it finds an isochronous ED.
2
PeriodicList
Enable
R/W
RO
Periodic List Enable. When set, this bit enables processing of
the Periodic (interrupt and isochronous) list. The HC checks this
bit prior to attempting any periodic transfers in a frame.
1:0
ControlBulk
ServiceRatio
R/W
RO
Control Bulk Service Ratio. Specifies the number of Control
Endpoints serviced for every Bulk Endpoint. Encoding is N-1
where N is the number of Control Endpoints (i.e., 00 = 1 Control
Endpoint; 11 = 3 Control Endpoints).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com