Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 279 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 279 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 275Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 276Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 277Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 278Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 279Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 280Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 281Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 282Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 283Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 555 page
background image
Revision 0.8
279
www.national.com
USB Register Descriptions (Continued)
5.5.4.3
Host Controller Command Status (USBC_HcCommandStatus)
5.5.4.4
Host Controller Interrupt Status (USBC_HcInterruptStatus)
All bits are set by the hardware and cleared by software.
USB Memory Offset
08h
Type
HCD:
HC:
R/W
R/W
Reset Value
00000000h
USBC_HcCommandStatus Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
7654321
0
RSVD
RSVD
USBC_HcCommandStatus Bit Descriptions
Bit
Name
HCD
HC
Description
31:18
RSVD
R/W
R/W
Reserved. Read/write 0s.
17:16
Schedule
OverrunCount
RO
R/W
Schedule Overrun Count. This field increments every time the
SchedulingOverrun bit in HcInterruptStatus is set. The count
wraps from 11 to 00.
15:4
RSVD
R/W
R/W
Reserved. Read/write 0s.
3
Ownership
ChangeRequest
R/W
R/W
Ownership Change Request. When set by software, this bit
sets the OwnershipChange field in HcInterruptStatus. The bit is
cleared by software. This field always reads back as 0.
2
BulkListFilled
R/W
R/W
Bulk List Filled. Set to indicate there is an active ED on the Bulk
List. The bit may be set by either software or the HC and cleared
by the HC each time it begins processing the head of the Bulk
List.
1
ControlListFilled
R/W
R/W
Control List Filled. Set to indicate there is an active ED on the
Control List. It may be set by either software or the HC and
cleared by the HC each time it begins processing the head of the
Control List.
0
HostControllerRe-
set
R/W
R/W
Host Controller Reset. This bit is set to initiate a software reset.
This bit is cleared by the HC upon completion of the reset opera-
tion. This field always reads back as 0.
USB Memory Offset
0Ch
Type
HCD:
HC:
R/W
R/W
Reset Value
00000000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com