Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 318 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 318 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 314Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 315Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 316Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 317Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 318Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 319Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 320Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 321Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 322Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 318 / 555 page
background image
www.national.com
318
Revision 0.8
DIVIL Register Descriptions (Continued)
5.6.2.12
Soft IRQ (DIVIL_SOFT_IRQ)
5.6.2.13 Soft Reset (DIVIL_SOFT_RESET)
5.6.2.14
Access Control DMA Request (DIVIL_AC_DMA)
The controls below only affect memory and I/O accesses to the target slaves. MSR accesses are not affected. However,
MSR writes during DMA may have unintended side effects.
Note that when in demand or block mode, the UART reads and writes are disallowed; no corresponding mechanism exists
to allow UART controller reads or writes during UART activity. If attempted, CPU writes have no effect and the CPU reads
return all 1s.
MSR Address
51400016h
Type
R/W
Reset Value
00000000h
DIVIL_SOFT_IRQ Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
87654321
0
RSVD
DIVIL_SOFT_IRQ Bit Descriptions
Bit
Name
Description
31:1
RSVD
Reserved. Reads return 0. Writes have no effect.
0
SOFT_IRQ
Soft IRQ. This bit can be written high or low. and is connected to the soft IRQ input of
the IRQ Mapper. Hence, writing high causes an interrupt while writing low clears it.
Reads return the value written.
MSR Address
51400017h
Type
R/W
Reset Value
00000000h
DIVIL_SOFT_RESET Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
87654321
0
RSVD
DIVIL_SOFT_RESET Bit Descriptions
Bit
Name
Description
31:1
RSVD
Reserved. Reads return 0. Writes have no effect.
0
SOFT_RESET
Soft Reset. A bit that when written to a 1 causes the system to hard reset. Reads
return 0.
MSR Address
5140001Eh
Type
R/W
Reset Value
00000000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com