Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 319 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 319 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 315Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 316Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 317Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 318Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 319Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 320Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 321Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 322Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 323Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 555 page
background image
Revision 0.8
319
www.national.com
DIVIL Register Descriptions (Continued)
The enables default to 0. If 0, reads or writes to the indicated device are blocked during activity. This may cause an SSMI
or ERROR if enabled by the associated MSR. Thus, writes are discarded and reads return all Fs. If an enable is 0, a chip
select for the indicated device is not asserted. If an enable is 1, the indicated device is available for access during activity.
DIVIL_AC_DMA Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
87654321
0
RSVD
RSVD
DIVIL_AC_DMA Bit Descriptions
Bit
Name
Description
31:18
RSVD
Reserved. Reads return 0; writes have no effect.
17
AC_DMA_W
Allow DMA Writes during DMA Activity. If set, this bit allows writes to the DMA con-
troller during DMA activity (data transfers). This mechanism may be used, among other
things, to abort a hung DMA transfer. If clear, DMA controller writes are locked out dur-
ing DMA activity.
16
AC_DMA_R
Allow DMA Reads during DMA Activity. If set, this bit allows reads from the DMA
controller during DMA activity (data transfers). If clear, DMA controller reads are locked
out during DMA activity.
15:4
RSVD
Reserved. Reads return 0; writes have no effect.
3
AC_DMA_LPC_
IW
LPC I/O Writes during LPC DMA If set, this bit allows I/O writes to the LPC bus during
LPC DMA transfer. If clear, I/O writes are locked out during LPC DMA transfers.
2
AC_DMA_LPC_IR
LPC I/O Reads during LPC DMA. If set, this bit allows I/O reads to the LPC bus during
LPC DMA transfer. If clear, I/O reads are locked out during LPC DMA transfers.
1
AC_DMA_LPC_
MW
LPC Memory Writes during LPC DMA. If set, this bit allows memory writes to the LPC
bus during LPC DMA transfer. If clear, memory writes are locked out during LPC DMA
transfers.
0
AC_DMA_LPC_
MR
LPC Memory Reads during LPC DMA. If set, this bit allows memory reads to the LPC
bus during LPC DMA transfer. If clear, memory reads are locked out during LPC DMA
transfers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com