Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 323 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 323 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 319Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 320Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 321Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 322Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 323Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 324Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 325Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 326Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 327Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 555 page
background image
Revision 0.8
323
www.national.com
5.8
PROGRAMMABLE INTERVAL TIMER REGISTER DESCRIPTIONS
The registers for the Programmable Interval Timer (PIT)
are divided into three sets:
• Standard GeodeLink Device MSRs (Shared with DIVIL,
see Section 5.6.1 on page 299.)
• PIT Specific MSRs
• PIT Native Registers
The MSRs are accessed via the RDMSR and WRMSR pro-
cessor instructions. The MSR address is derived from the
perspective of the CPU Core. See Section 3.2 "CS5535
MSR Addressing" on page 53 for more details on MSR
addressing.
All MSRs are 64 bits, however, the PIT Specific MSRs are
called out as 8 bits. The PIT treats writes to the upper 56
bits (i.e., bits [63:8]) of the 64-bit MSRs as don’t cares and
always returns 0 on these bits. The PIT Specific MSRs are
summarized in Table 5-20.
The Native registers associated with the PIT are summa-
rized in Table 5-21 and are accessed as I/O Addresses.
The reference column in the tables point to the page where
the register maps and bit descriptions are listed.
Table 5-20. PIT Specific MSRs Summary
MSR Address
Type
Register Name
Reset Value
Reference
51400036h
RO
PIT Shadow (PIT_SHDW)
00h
Page 324
51400037h
R/W
PIT Count Enable (PIT_CNTRL)
03h
Page 324
Table 5-21. PIT Native Registers Summary
I/O Address
Type
Width
(Bits)
Register Name
Reset Value
Reference
40h
W
8
PIT Timer 0 Counter - System
(PIT_TMR0_CNTR_SYS)
00h
Page 325
R
8
PIT Timer 0 Status - System
(PIT_TMR0_STS_SYS)
00h
Page 325
41h
W
8
PIT Timer 1 Counter - Refresh
(PIT_TMR1_CNTR_RFSH)
00h
Page 326
R
8
PIT Timer 1 Status - Refresh
(PIT_TMR1_STS_RFSH)
00h
Page 327
42h
W
8
PIT Timer 2 Counter - Speaker
(PIT_TMR2_CNTR_SPKR)
00h
Page 327
R
8
PIT Timer 2 Status - Speaker
(PIT_TMR2_STS_SPKR)
00h
Page 328
43h
R/W
8
PIT Mode Control Word
(PIT_MODECTL_WORD)
00h
Page 329
61h
R/W
8
Port B Control (PIT_PORTBCTL)
00h
Page 330



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com