Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 403 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 403 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 399Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 400Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 401Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 402Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 403Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 404Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 405Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 406Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 407Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 403 / 555 page
background image
Revision 0.8
403
www.national.com
DMA Register Descriptions (Continued)
5.13.1 DMA Specific MSRs
5.13.1.1
DMA Mapper (DMA_MAP)
MSR Address
51400040h
Type
R/W
Reset Value
0000h
DMA_MAP Register Map
15
14
13
12
11
10
9876
5432
10
RSVD
DMA_CH3_MAP
RSVD
DMA_CH2_MAP
RSVD
DMA_CH1_MAP
RSVD
DMA_CH0_MAP
DMA_MAP Bit Descriptions
Bit
Name
Description
15
RSVD
Reserved. No effect on DMA Mapper functionality; reads return value written.
14:12
DMA_CH3_MAP
DMA Channel 3 Source Select.
000: DMA Channel 3 off.
100: UART2 receive.
001: UART1 transmit.
101: Reserved; not active.
010: UART1 receive.
110: Reserved; not active.
011: UART2 transmit.
111: LPC DMA Channel 3.
11
RSVD
Reserved. No effect on DMA Mapper functionality; reads return value written.
10:8
DMA_CH2_MAP
DMA Channel 2 Source Select.
000: DMA Channel 2 off.
100: UART2 receive.
001: UART1 transmit.
101: Reserved; not active.
010: UART1 receive.
110: Reserved; not active.
011: UART2 transmit.
111: LPC DMA Channel 2.
7
RSVD
Reserved. No effect on DMA Mapper functionality; reads return value written.
6:4
DMA_CH1_MAP
DMA Channel 1 Source Select.
000: DMA Channel 1 off.
100: UART2 receive.
001: UART1 transmit.
101: Reserved; not active.
010: UART1 receive.
110: Reserved; not active.
011: UART2 transmit.
111: LPC DMA Channel 1.
3
RSVD
Reserved. No effect on DMA Mapper functionality; reads return value written.
2:0
DMA_CH0_MAP
DMA Channel 0 Source Select.
000: DMA Channel 0 off.
100: UART2 receive.
001: UART1 transmit.
101: Reserved; not active.
010: UART1 receive.
110: Reserved; not active.
011: UART2 transmit.
111: LPC DMA Channel 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com