Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 399 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 399 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 395Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 396Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 397Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 398Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 399Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 400Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 401Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 402Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 403Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 399 / 555 page
background image
Revision 0.8
399
www.national.com
UART/IR Controller Register Descriptions (Continued)
5.12.10.6 IR Interface Configuration 4 Register (IRCFG4)
IRCFG4 configures the receiver data path.
I/O Offset
07h
Type
R/W
Reset Value
00h
IRCFG4 Register Map
76
54
32
10
RSVD
IRSL0_DS
RXINV
IRSL21_DS
RSVD
IRCFG4 Bit Descriptions
Bit
Name
Description
7:6
RSVD
Reserved. Must be written 0.
5
IRSL0_DS
IRSL0/IRRX2 Pin Direction Select. This bit determines the direction of the
UART[x]_IRSL0/IRRX2 pin. See Table 5-51.
0: Pin direction is input (UART[x]_IRRX2).
1: Pin direction is output (UART[x]_IRSL0).
4RXINV
IRRX Signal Invert. This bit supports optical transceivers with receive signals of oppo-
site polarity (active high instead of active low). When set to 1, an inverter is placed in the
receiver input signal path.
3
IRSL21_DS
Reserved. Must be written 1.
2:0
RSVD
Reserved. Must be written 0.
Table 5-51. IR Receive Input Selection
IRSL0_DS (IRCFG4, bit 5)
AUX_IRRX (IRCR2, bit 4)
Selected IRRX
0
0
IRRX1
0
1
IRRX2
1
0
IRRX1
1
1
None Selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com