Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 396 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 396 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 392Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 393Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 394Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 395Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 396Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 397Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 398Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 399Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 400Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 396 / 555 page
background image
www.national.com
396
Revision 0.8
UART/IR Controller Register Descriptions (Continued)
5.12.10.3 CEIR Configuration Register (RCCFG)
RCCFG controls the basic operation of the CEIR mode.
01101
40 kHz
Reserved
01110
41 kHz
Reserved
01111
42 kHz
Reserved
10000
43 kHz
Reserved
10001
44 kHz
Reserved
10010
45 kHz
Reserved
10011
46 kHz
Reserved
10100
47 kHz
Reserved
10101
48 kHz
Reserved
10110
49 kHz
Reserved
10111
50 kHz
Reserved
11000
51 kHz
Reserved
11001
52 kHz
Reserved
11010
53 kHz
Reserved
11011
54 kHz
Reserved
11100
55 kHz
Reserved
11101
56 kHz
Reserved
11110
56.9 kHz
Reserved
11111
Reserved
Reserved
I/O Offset
02h
Type
R/W
Reset Value
00h
RCCFG Register Map
76
54
32
10
R_LEN
T_OV
RXHSC
RCDM_DS
RSVD
TXHSC
RC_MMD[1:0]
RCCFG Bit Descriptions
Bit
Name
Description
7R_LEN
Run Length Control. When set to 1, this bit enables run length encoding/decoding. The
format of a run length code is:
Yxxxxxxx, where Y is the bit value and xxxxxxx is the number of bits minus 1 (selects
from 1 to 128 bits).
6T_OV
Receiver Sampling Mode.
0: Programmed T period sampling.
1: Oversampling mode.
5
RXHSC
Receiver Carrier Frequency Select. This bit selects the receiver demodulator fre-
quency range.
0: Low frequency: 30.0-56.9 kHz.
1: High frequency: 400-480 kHz.
Table 5-50. CEIR Carrier Frequency Encoding (Continued)
MCFR[4:0]
Low Frequency (TXHSC = 0)
High Frequency (TXHSC = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com