Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 392 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 392 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 388Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 389Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 390Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 391Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 392Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 393Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 394Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 395Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 396Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 392 / 555 page
background image
www.national.com
392
Revision 0.8
UART/IR Controller Register Descriptions (Continued)
5.12.9.2
SIR Pulse Width Register (SIR_PW)
SIR_PW sets the pulse width for transmitted pulses in SIR operation mode. These settings do not affect the receiver. Upon
reset, the content of this register is 00h, which defaults to a pulse width of 3/16 of the baud rate.
5.12.9.3
Bank Select Register (BSR)
BSR is the same as the BSR register at I/O Offset 03h in Bank 0. See Section 5.12.3.4 "Link Control/Bank Select Regis-
ters" on page 373 for bit descriptions.
I/O Offset
02h
Type
R/W
Reset Value
00h
SIR_PW Register Map
76
54
32
10
RSVD
SPW[3:0]
SIR_PW Bit Descriptions
Bit
Name
Description
7:4
RSVD
Reserved. Write to 0.
3:0
SPW[3:0]
SIR Pulse Width. Two codes for setting the pulse width are available. All other values for
this field are reserved.
0000: Pulse width = 3/16 of bit period (Default).
1101: Pulse width = 1.6 µs.
I/O Offset
03h
Type
R/W
Reset Value
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com