Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 393 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 393 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 389Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 390Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 391Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 392Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 393Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 394Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 395Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 396Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 397Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 393 / 555 page
background image
Revision 0.8
393
www.national.com
UART/IR Controller Register Descriptions (Continued)
5.12.10 Bank 7 Register Descriptions
The bit formats for the registers in Bank 7 are summarized in Table 5-44. Detailed descriptions of each register follow.
The CEIR utilizes two carrier frequency ranges (See Table 5-50 on page 395):
• Low range - spans from 30 kHz to 56 kHz, in 1 kHz increments.
• High range - includes three frequencies: 400 kHz, 450 kHz or 480 kHz.
High and low frequencies are specified independently to allow separate transmission and reception modulation settings.
The transmitter uses the carrier frequency settings in Table 5-50 "CEIR Carrier Frequency Encoding" on page 395.
The two registers at I/O Offsets 04h and 07h (IR transceiver configuration registers) are provided to configure the virtual IR
dongle interface via IRSL[2:0] bits (to allow legacy software writes on these bits).
5.12.10.1 IR Receiver Demodulator Control Register (IRRXDC)
IRRXDC controls settings for Sharp-IR and CEIR reception. After reset, the content of this register is 29h. This setting
selects a subcarrier frequency in a range between 34.61 kHz and 38.26 kHz for the CEIR mode, and from 480.0 kHz to
533.3 kHz for the Sharp-IR mode. The value of this register is ignored if the receiver demodulation for both modes is dis-
abled (see bit 7 (SHDM_DS) in Section 5.12.9.1 "IR Control Register 3 (IRCR3)" on page 391 and bit 4 (RCDM_DS) in
Section 5.12.10.3 "CEIR Configuration Register (RCCFG)" on page 396). The available frequency ranges for CEIR and
Sharp-IR modes are given in Tables 5-46 through 5-48.
Table 5-45. Bank 7 Bit Map
Register
Bits
I/O
Offset
Name
7
654
32
1
0
00h
IRRXDC
DBW[2:0]
DFR[4:0]
01h
IRTXMC
MCPW[2:0]
MCFR[4:0]
02h
RCCFG
R_LEN
T_OV
RXHSC
RCDM_DS
RSVD
TXHSC
RC_MMD[1:0]
03h
BSR
BKSE
BSR[6:0]
04h
IRCFG1
STRV_MS
RSVD
SET_IRTX
IRRX1_LV
RSVD
IRIC[2:0]
05h-06h RSVD
RSVD
07h
IRCFG4
RSVD
IRSL0_DS
RXINV
IRSL21_DS
RSVD
I/O Offset
00h
Type
R/W
Reset Value
29h
IRRXDC Register Map
76
54
32
10
DBW[2:0]
DFR[4:0]
IRRXDC Bit Descriptions
Bit
Name
Description
7:5
DBW[2:0]
Demodulator Bandwidth. These bits set the demodulator bandwidth for the selected
frequency range. The subcarrier signal frequency must fall within the specified frequency
range in order to be accepted. Used for both Sharp-IR and CEIR modes. (Default = 001.)
4:0
DFR[4:0]
Demodulator Frequency. These bits select the subcarrier’s center frequency for the
CEIR mode. (Default = 01001.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com