Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 463 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 463 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 459Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 460Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 461Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 462Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 463Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 464Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 465Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 466Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 467Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 463 / 555 page
background image
Revision 0.8
463
www.national.com
GPIO Subsystem Register Descriptions (Continued)
5.16.4.2
GPIO Mapper Z (GPIO_MAP_Z)
GPIO I/O Offset
E8h
Type
R/W
Reset Value
00000000h
GPIO_MAP_Z Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
RSVD
MAP_
SEL_22
MAP_
SEL_21
MAP_
SEL_20
MAP_
SEL_19
MAP_
SEL_18
MAP_
SEL_17
MAP_
SEL_16
GPIO_MAP_Z Bit Descriptions
Bit
Name
Description
31:28
RSVD
Reserved. Write as 0.
27
PME_SEL_22
GPIO22 PME Select. Selects where to map GPIO22.
0: INT (Interrupt).
1: PME (Power Management Event).
26:24
MAP_SEL_22
GPIO22 Map Select. Selects which bit of in the output field (i.e., INT or PME) GPIO22
should be mapped to.
000: Bit 0
010: Bit 2
100: Bit 4
110: Bit 6
001: Bit 1
011: Bit 3
101: Bit 5
111: Bit 7
23
PME_SEL_21
GPIO21 PME Select. Selects where to map GPIO21. See bit 27 for decode.
22:20
MAP_SEL_21
GPIO21 Map Select. Selects which bit of in the output field (i.e., INT or PME) GPIO13
should be mapped to. See bits [26:24] for decode.
19
PME_SEL_20
GPIO20 PME Select. Selects where to map GPIO12. See bit 27 for decode.
18:16
MAP_SEL_20
GPIO20 Map Select. Selects which bit of in the output field (i.e., INT or PME) GPIO20
should be mapped to. See bits [26:24] for decode.
15
PME_SEL_19
GPIO19 PME Select. Selects where to map GPIO19. See bit 27 for decode.
14:12
MAP_SEL_19
GPIO19 Map Select. Selects which bit of in the output field (i.e., INT or PME) GPIO19
should be mapped to. See bits [26:24] for decode.
11
PME_SEL_18
GPIO18 PME Select. Selects where to map GPIO10. See bit 27 for decode.
10:8
MAP_SEL_18
GPIO18 Map Select. Selects which bit of in the output field (i.e., INT or PME) GPIO18
should be mapped to. See bits [26:24] for decode.
7
PME_SEL_17
GPIO17 PME Select. Selects where to map GPIO17. See bit 27 for decode.
6:4
MAP_SEL_17
GPIO17 Map Select. Selects which bit of in the output field (i.e., INT or PME) GPIO17
should be mapped to. See bits [26:24] for decode.
3
PME_SEL_16
GPIO16 PME Select. Selects where to map GPIO16. See bit 27 for decode.
2:0
MAP_SEL_16
GPIO16 Map Select. Selects which bit of in the output field (i.e., INT or PME) GPIO16
should be mapped to. See bits [26:24] for decode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com