Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 460 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 460 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 456Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 457Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 458Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 459Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 460Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 461Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 462Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 463Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 464Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 460 / 555 page
background image
www.national.com
460
Revision 0.8
GPIO Subsystem Register Descriptions (Continued)
5.16.3.6
GPIO Event Counter Decrement (GPIO[x]_EVNTCNT_DEC)
There are two 32-bit Event Counter Decrement registers one for the lower bank (GPIO[15:0]) and one for the higher bank
(GPIO[31:16]) of GPIOs.These registers generate one 33 ns wide pulse when written to it, so multiple successive writes
may be performed without waiting for the previous write to ‘complete; in addition, reading these registers always provides
0s.
GPIO Low Bank Event Counter Decrement (GPIOL_EVNTCNT_DEC)
GPIO I/O Offset
F8h
Type
R/W
Reset Value
00000000h
GPIOL_EVNTCNT_DEC Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
RSVD
GPIOL_EVNTCNT_DEC Bit Descriptions
Bit
Name
Description
31:16
RSVD
Reserved. Write/read as 0.
15
ECD15
GPIO15 Event Counter Decrement. Writing this bit high generates a decrement pulse to
the event counter that has been associated with this GPIO. There is no need to write the bit
low again. This bit will always read as low. Event counters are associated with specific
GPIOs via the GPIO_FE[x]_SEL register set.
14
ECD14
GPIO14 Event Counter Decrement. Same as EDC15 (bit 15)
13
ECD13
GPIO13 Event Counter Decrement. Same as EDC15 (bit 15)
12
ECD12
GPIO12 Event Counter Decrement. Same as EDC15 (bit 15).
11
ECD11
GPIO11 Event Counter Decrement. Same as EDC15 (bit 15).
10
ECD10
GPIO10 Event Counter Decrement. Same as EDC15 (bit 15).
9
ECD9
GPIO9 Event Counter Decrement. Same as EDC15 (bit 15).
8
ECD8
GPIO8 Event Counter Decrement. Same as EDC15 (bit 15).
7
ECD7
GPIO7 Event Counter Decrement. Same as EDC15 (bit 15).
6
ECD6
GPIO6 Event Counter Decrement. Same as EDC15 (bit 15).
5
ECD5
GPIO5 Event Counter Decrement. Same as EDC15 (bit 15).
4
ECD4
GPIO4 Event Counter Decrement. Same as EDC15 (bit 15).
3
ECD3
GPIO3 Event Counter Decrement. Same as EDC15 (bit 15).
2
ECD2
GPIO2 Event Counter Decrement. Same as EDC15 (bit 15).
1
ECD1
GPIO1 Event Counter Decrement. Same as EDC15 (bit 15).
0
ECD0
GPIO0 Event Counter Decrement. Same as EDC15 (bit 15).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com