Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 456 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 456 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 452Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 453Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 454Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 455Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 456Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 457Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 458Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 459Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 460Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 456 / 555 page
background image
www.national.com
456
Revision 0.8
GPIO Subsystem Register Descriptions (Continued)
5.16.3.3
GPIO Event Counter (GPIO_EVNTCNT[x])
Writing to these 16-bit registers programs the counter value. Reads provide current counter value.
GPIO Event Counter 0 (GPIO_EVNTCNT0)
GPIO Event Counter 1 (GPIO_EVNTCNT1)
GPIO Event Counter 2 (GPIO_EVNTCNT2)
GPIO Event Counter 3 (GPIO_EVNTCNT3)
GPIO Event Counter 4 (GPIO_EVNTCNT4)
GPIO Event Counter 5 (GPIO_EVNTCNT5)
GPIO Event Counter 6 (GPIO_EVNTCNT6)
GPIO Event Counter 7 (GPIO_EVNTCNT7)
GPIO I/O Offset
54h
Type
R/W
Reset Value
0000h
GPIO I/O Offset
5Ch
Type
R/W
Reset Value
0000h
GPIO I/O Offset
64h
Type
R/W
Reset Value
0000h
GPIO I/O Offset
6Ch
Type
R/W
Reset Value
0000h
GPIO I/O Offset
74h
Type
R/W
Reset Value
0000h
GPIO I/O Offset
7Ch
Type
R/W
Reset Value
0000h
GPIO I/O Offset
D4h
Type
R/W
Reset Value
0000h
GPIO I/O Offset
DCh
Type
R/W
Reset Value
0000h
GPIO_EVNTCNT[x] Register Map
15
14
13
12
11
10
987
6543
210
EVENT_COUNT
GPIO_EVNTCNT_[x] Bit Descriptions
Bit
Name
Description
15:0
EVENT_COUNT
Event Counter Status. Direct access to the counter’s state is provided via this register
and may be read at any time to determine the current value of the counter. This register
may also be written to at any time, thereby jamming the counter state forward or back-
ward from the current count. Hardware provisions exist to ensure accurate readings
even if a counter edge is in process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com