Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 457 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 457 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 453Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 454Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 455Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 456Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 457Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 458Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 459Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 460Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 461Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 457 / 555 page
background image
Revision 0.8
457
www.national.com
GPIO Subsystem Register Descriptions (Continued)
5.16.3.4
GPIO Event Counter Compare Value (GPIO_EVNTCNT[x]_COMP)
These 16-bit registers are programmed with event count compare value.
GPIO Event Counter 0 Compare Value
(GPIO_EVNTCNT0_COMP)
GPIO Event Counter 1 Compare Value
(GPIO_EVNTCNT1_COMP)
GPIO Event Counter 2 Compare Value
(GPIO_EVNTCNT2_COMP)
GPIO Event Counter 3 Compare Value
(GPIO_EVNTCNT3_COMP)
GPIO Event Counter 4 Compare Value
(GPIO_EVNTCNT4_COMP)
GPIO Event Counter 5 Compare Value
(GPIO_EVNTCNT5_COMP)
GPIO Event Counter 6 Compare Value
(GPIO_EVNTCNT6_COMP)
GPIO Event Counter 7 Compare Value
(GPIO_EVNTCNT7_COMP)
GPIO I/O Offset
56h
Type
R/W
Reset Value
0000h
GPIO I/O Offset
5Eh
Type
R/W
Reset Value
0000h
GPIO I/O Offset
66h
Type
R/W
Reset Value
0000h
GPIO I/O Offset
6Eh
Type
R/W
Reset Value
0000h
GPIO I/O Offset
76h
Type
R/W
Reset Value
0000h
GPIO I/O Offset
7Eh
Type
R/W
Reset Value
0000h
GPIO I/O Offset
D6h
Type
R/W
Reset Value
0000h
GPIO I/O Offset
DEh
Type
R/W
Reset Value
0000h
GPIO_EVNTCNT[x]_COMP Register Map
15
14
13
12
11
10
987
6543
210
EVNTCNT_COMP
GPIO_EVENTCOUNT_[x] Bit Descriptions
Bit
Name
Description
15:0
EVNTCNT_COMP
Event Counter Compare Value. This register is used to set the event counter’s com-
pare value. The compare value, when exceeded by the event counter, causes the
counter to produce a constant (level) output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com