Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 458 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 458 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 454Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 455Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 456Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 457Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 458Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 459Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 460Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 461Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 462Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 458 / 555 page
background image
www.national.com
458
Revision 0.8
GPIO Subsystem Register Descriptions (Continued)
5.16.3.5
GPIO Filter/Event Pair Selection (GPIO_FE[x]_SEL)
These registers assign any GPIO to one of the eight filter/event pairs; part of the input conditioning functions.
GPIO Filter/Event Pair 0 Selection (GPIO_FE0_SEL)
GPIO Filter/Event Pair 1 Selection (GPIO_FE1_SEL)
GPIO Filter/Event Pair 2 Selection (GPIO_FE2_SEL)
GPIO Filter/Event Pair 3 Selection (GPIO_FE3_SEL)
GPIO Filter/Event Pair 4 Selection (GPIO_FE4_SEL)
GPIO Filter/Event Pair 5 Selection (GPIO_FE5_SEL)
GPIO Filter/Event Pair 6 Selection (GPIO_FE6_SEL)
GPIO Filter/Event Pair 7 Selection (GPIO_FE7_SEL)
GPIO I/O Offset
F0h
Type
R/W
Reset Value
00h
GPIO I/O Offset
F1h
Type
R/W
Reset Value
00h
GPIO I/O Offset
F2h
Type
R/W
Reset Value
00h
GPIO I/O Offset
F3h
Type
R/W
Reset Value
00h
GPIO I/O Offset
F4h
Type
R/W
Reset Value
00h
GPIO I/O Offset
F5h
Type
R/W
Reset Value
00h
GPIO I/O Offset
F6h
Type
R/W
Reset Value
00h
GPIO I/O Offset
F7h
Type
R/W
Reset Value
00h
GPIO_FE[x]_SEL Register Map
76543
210
RSVD
FE_SEL
GPIO_FE[x]_SEL Bit Descriptions
Bit
Name
Description
7:5
RSVD
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com