Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 469 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 469 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 465Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 466Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 467Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 468Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 469Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 470Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 471Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 472Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 473Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 469 / 555 page
background image
Revision 0.8
469
www.national.com
MFGPT Register Descriptions (Continued)
5.17.1.2
MFGPT NMI and Reset Mask (MFGPT_NR)
This register enables the MFGPT Comparator 1 and 2 outputs to generate resets or NMIs.
4
MFGPT4_C1_IRQM
Enable MFGPT4 Comparator 1 Output to the Interrupt Mapper. When set high,
this input becomes one of two, ORed together, to form “Unrestricted Sources Z”, bit 0.
The other bit in the ORed pair is bit 0, MFGPT0_C1_IRQM. The Unrestricted
Sources Z are detailed in Table 4-14 "IRQ Map - Unrestricted Sources Z" on page
105. When cleared low, this MFGPT output does not contribute to the Unrestricted
Sources Z interrupt.
3
MFGPT3_C1_IRQM
Enable MFGPT3 Comparator 1 Output to the Interrupt Mapper. When set high,
this input becomes one of two, ORed together, to form “Unrestricted Sources Z”, bit 3.
The other bit in the ORed pair is bit 7, MFGPT7_C1_IRQM. The Unrestricted
Sources Z are detailed in Table 4-14 "IRQ Map - Unrestricted Sources Z" on page
105. When cleared low, this MFGPT output does not contribute to the Unrestricted
Sources Z interrupt.
2
MFGPT2_C1_IRQM
Enable MFGPT2 Comparator 1 Output to the Interrupt Mapper. When set high,
this input becomes one of two, ORed together, to form “Unrestricted Sources Z”, bit 2.
The other bit in the ORed pair is bit 6, MFGPT6_C1_IRQM. The Unrestricted
Sources Z are detailed in Table 4-14 "IRQ Map - Unrestricted Sources Z" on page
105. When cleared low, this MFGPT output does not contribute to the Unrestricted
Sources Z interrupt.
1
MFGPT1_C1_IRQM
Enable MFGPT1 Comparator 1 Output to the Interrupt Mapper. When set high,
this input becomes one of two, ORed together, to form “Unrestricted Sources Z”, bit 1.
The other bit in the ORed pair is bit 5, MFGPT5_C1_IRQM. The Unrestricted
Sources Z are detailed in Table 4-14 "IRQ Map - Unrestricted Sources Z" on page
105. When cleared low, this MFGPT output does not contribute to the Unrestricted
Sources Z interrupt.
0
MFGPT0_C1_IRQM
Enable MFGPT0 Comparator 1 Output to the Interrupt Mapper. When set high,
this input becomes one of two, ORed together, to form “Unrestricted Sources Z”, bit 0.
The other bit in the ORed pair is bit 4, MFGPT4_C1_IRQM. The Unrestricted
Sources Z are detailed in Table 4-14 "IRQ Map - Unrestricted Sources Z" on page
105. When cleared low, this MFGPT output does not contribute to the Unrestricted
Sources Z interrupt.
MSR Address
51400029h
Type
R/W
Reset Value
00000000h
MFGPT_NR Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
RSVD
RSVD
MFGPT_NR Bit Descriptions
Bit
Name
Description
31:30
RSVD
Reserved. Writes are don’t care; reads return 0.
MFGPT_IRQ Bit Descriptions
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com