Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 472 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 472 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 468Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 469Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 470Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 471Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 472Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 473Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 474Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 475Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 476Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 472 / 555 page
background image
www.national.com
472
Revision 0.8
MFGPT Register Descriptions (Continued)
5.17.2 MFGPT Native Registers
5.17.2.1
MFGPT[x] Comparator 1 (MFGPT[x]_CMP1)
MFGPT0 to MFGPT5 CMP1 registers are in the Working power domain while MFGPT6 and MFGPT7 CMP1 registers are
in the Standby power domain.
MFGPT0 Comparator 1 (MFGPT0_CMP1)
MFGPT1 Comparator 1 (MFGPT1_CMP1)
MFGPT2 Comparator 1 (MFGPT2_CMP1)
MFGPT3 Comparator 1 (MFGPT3_CMP1)
MFGPT4 Comparator 1 (MFGPT4_CMP1)
MFGPT5 Comparator 1 (MFGPT5_CMP1)
MFGPT6 Comparator 1 (MFGPT6_CMP1)
MFGPT7 Comparator 1 (MFGPT7_CMP1)
MFGPT I/O Offset
00h
Type
R/W
Reset Value
0000h
MFGPT I/O Offset
08h
Type
R/W
Reset Value
0000h
MFGPT I/O Offset
10h
Type
R/W
Reset Value
0000h
MFGPT I/O Offset
18h
Type
R/W
Reset Value
0000h
MFGPT I/O Offset
20h
Type
R/W
Reset Value
0000h
MFGPT I/O Offset
28h
Type
R/W
Reset Value
0000h
MFGPT I/O Offset
30h
Type
R/W
Reset Value
0000h
MFGPT I/O Offset
38h
Type
R/W
Reset Value
0000h
MFGPT[x]_CMP1 Register Map
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MFGPT_CMP1_VAL
MFGPT[x]_CMP1 Bit Descriptions
Bit
Name
Description
15:0
MFGPT_CMP1_VAL
Comparator 1 Comparison Value. This 16-bit value is the compare value for
Comparator 1 of MFGPT[x].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com