Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 474 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 474 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 470Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 471Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 472Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 473Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 474Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 475Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 476Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 477Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 478Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 474 / 555 page
background image
www.national.com
474
Revision 0.8
MFGPT Register Descriptions (Continued)
5.17.2.3
MFGPT[x] Up Counter (MFGPT[x]_CNT)
MFGPT0 to MFGPT5 Up Counter registers are in the Working power domain while MFGPT6 and MFGPT7 Up Counter reg-
isters are in the Standby power domain.
MFGPT0 Up Counter (MFGPT0_CNT)
MFGPT1 Up Counter (MFGPT1_CNT)
MFGPT2 Up Counter (MFGPT2_CNT)
MFGPT3 Up Counter (MFGPT3_CNT)
MFGPT4 Up Counter (MFGPT4_CNT)
MFGPT5 Up Counter (MFGPT5_CNT)
MFGPT6 Up Counter (MFGPT6_CNT)
MFGPT7 Up Counter (MFGPT7_CNT)
MFGPT I/O Offset
04h
Type
R/W
Reset Value
0000h
MFGPT I/O Offset
0Ch
Type
R/W
Reset Value
0000h
MFGPT I/O Offset
14h
Type
R/W
Reset Value
0000h
MFGPT I/O Offset
1Ch
Type
R/W
Reset Value
0000h
MFGPT I/O Offset
24h
Type
R/W
Reset Value
0000h
MFGPT I/O Offset
2Ch
Type
R/W
Reset Value
0000h
MFGPT I/O Offset
34h
Type
R/W
Reset Value
0000h
MFGPT I/O Offset
3Ch
Type
R/W
Reset Value
0000h
MFGPT[x]_CNT Register Map
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MFGPT_CNT
MFGPT[x]_CNT Bit Descriptions
Bit
Name
Description
15:0
MFGPT_CNT
Up Counter Value. This register contains the current value of the counter of
MFGPT[x}. Hardware guarantees that reading or writing may be performed at any
time without experiencing aliasing or ‘intermediate-value’ problems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com