Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 475 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 475 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 471Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 472Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 473Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 474Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 475Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 476Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 477Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 478Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 479Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 475 / 555 page
background image
Revision 0.8
475
www.national.com
MFGPT Register Descriptions (Continued)
5.17.2.4
MFGPT[x] Setup (MFGPT[x]_SETUP)
MFGPT0 to MFGPT5 Setup registers are in the Working power domain while MFGPT6 and MFGPT7 Setup registers are in
the Standby power domain. Bits [11:0] are write-once; bit 12 is read-only.
MFPGT0 Setup (MFGPT0_SETUP)
MFPGT1 Setup (MFGPT1_SETUP)
MFPGT2 Setup (MFGPT2_SETUP)
MFPGT3 Setup (MFGPT3_SETUP)
MFPGT4 Setup (MFGPT4_SETUP)
MFPGT5 Setup (MFGPT5_SETUP)
MFPGT6 Setup (MFGPT6_SETUP)
MFPGT7 Setup (MFGPT7_SETUP)
MFGPT I/O Offset
06h
Type
R/W
Reset Value
0000h
MFGPT I/O Offset
0Eh
Type
R/W
Reset Value
0000h
MFGPT I/O Offset
16h
Type
R/W
Reset Value
0000h
MFGPT I/O Offset
1Eh
Type
R/W
Reset Value
0000h
MFGPT I/O Offset
26h
Type
R/W
Reset Value
0000h
MFGPT I/O Offset
2Eh
Type
R/W
Reset Value
0000h
MFGPT I/O Offset
36h
Type
R/W
Reset Value
0000h
MFGPT I/O Offset
3Eh
Type
R/W
Reset Value
0000h
MFGPT[x]_SETUP Register Map
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MFGPT_CMP2
MODE
MFGPT_CMP1
MODE
MFGPT_SCALE
MFGPT[x]_SETUP Bit Descriptions
Bit
Name
Description
15
MFGPT_CNT_EN
Counter Enable. Enable MFGPT for counting. 0: Disable; 1: Enable.
14
MFGPT_CMP2
Compare 2 Output Status. If Conditioning Mode is set to Event, writing this bit to
a 1 clears the event until the next time Compare 2 goes from low-to-high; reading
returns the event status. For other modes, this bit follows current compare output
values and writes to this bit have no effect.
13
MFGPT_CMP1
Compare 1 Output Status. If Conditioning Mode is set to Event, writing this bit to
a 1 clears the event until the next time Compare 1 goes from low-to-high; reading
returns the event status. For other modes, this bit follows current compare output
values and writes to this bit have no effect.
12
MFGPT_SETUP (RO)
Setup (Read Only). Any value written to this bit is a ‘don’t care’. From reset, this
bit is low. If low, it indicates the MFGPT has not been setup and is currently dis-
abled. On the first write to this register, bits [11:0] are established per the write
and this bit is set to a 1. After this bit is set on the first write, bits [12:0] cannot be
changed and subsequent writes are ‘don’t care’.
11
MFGPT_STOP_EN
Stop Enable. Enable counter to Stop on Sleep state for MFGPT0 to MFGPT5, or
Standby state for MFGPT6 and MFGPT7. 0: Disable; 1: Enable.
10
MFGPT_EXT_EN
External Enable. External pin enabled to be MFGPT clear input. 0: Disable;
1: Enable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com