Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 476 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 476 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 472Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 473Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 474Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 475Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 476Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 477Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 478Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 479Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 480Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 476 / 555 page
background image
www.national.com
476
Revision 0.8
MFGPT Register Descriptions (Continued)
9:8
MFGPT_CMP2MODE
Compare 2 Mode.
00: Disable; output always low.
01: Compare on Equal; output high only on compare equal.
10: Compare on GE; output high on compare greater than or equal.
00: Event; same as ‘Compare on GE’ but also can activate IRQ, NMI and reset.
7:6
MFGPT_CMP1MODE
Compare 1 Mode.
00: Disable; output always low.
01: Compare on Equal; output high only on compare equal.
10: Compare on GE; output high on compare greater than or equal.
00: Event; same as ‘Compare on GE’ but also can activate IRQ, NMI and reset.
5MFGPT_REV_EN
Reverse Enable. Bit reverse enable for counter output to Compare. 0: Disable; 1:
Enable.
4
MFGPT_CLKSEL
Clock Select. For MFGPT0 to MFGPT5 only; no effect on MFGPT6 and
MFGPT7.
0: 32 kHz clock.
1: 14.318 MHz clock
3:0
MFGPT_SCALE
Counter Prescaler Scale Factor. Selects input clock divide-by value.
0000:
1
1000:
256
0001:
2
1001:
512
0010:
4
1010:
1024
0011:
8
1011:
2048
0100:
16
1100:
4096
0101:
32
1101:
8192
0110:
64
1110:
16384
0111:
128
1111:
32768
MFGPT[x]_SETUP Bit Descriptions (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com