Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 480 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 480 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 476Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 477Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 478Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 479Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 480Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 481Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 482Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 483Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 484Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 480 / 555 page
background image
www.national.com
480
Revision 0.8
PMC Register Descriptions (Continued)
PM1_STS Bit Descriptions
Bit
Name
Description
15
WAK_FLAG
(Note 1, Note 2)
Note 1. A wakeup event can come from any event enabled by PM1_EN (ACPI I/O Offset 02h) or PM_GPE0_EN (ACPI I/O
Offset 1Ch). A wakeup will occur even if the SCI is not mapped to an ASMI or IRQ.
Note 2. After starting a Sleep sequence, software would normally spin by entering a polling loop on the WAK_FLAG. This
bit is normally (software has cleared it from last Sleep) 0 before starting a Sleep sequence. The Sleep sequence
puts the processor in Suspend while it is spinning. When the sequence brings the processor out of Suspend, the
WAK_FLAG bit is set. The Sleep sequence starts when SLP_EN (ACPI I/O Offset 08h[13]) is written to a 1.
Wakeup Event Flag. This bit is set high by the hardware when any wakeup event
occurs. Write 1 to clear; writing 0 has no effect.
14:12
RSVD
Reserved. By convention write 0, but other values are “don’t care”. Reads always
return 0.
11
IGNORE
Ignore. By ACPI convention not used by software. Reads always return 0.
To support the Global Status Lock Flag bit, writing a 1 to this bit sets bit 5. Writing a 0
has no effect.
10
RTC_FLAG
Real-Time Clock Alarm Flag. This bit is set high by the hardware when the RTC gen-
erates an alarm. If RTC_EN (ACPI I/O Offset 02h[10]) is high, an SCI is generated.
Write 1 to clear; writing 0 has no effect.
9
SLPBTN_FLAG
Sleep Button Flag. This bit is set high by the hardware when the “sleep button” is
pushed. If SLPBTN_EN (ACPI I/O Offset 02h[9]) is high, an SCI is generated. Write 1
to clear; writing 0 has no effect.
8PWRBTN_FLAG
Power Button Flag. This bit is set high by the hardware when the “power button” is
pushed. If PWRBTN_EN (ACPI I/O Offset 02h[8]) is high, an SCI is generated. Write 1
to clear; writing 0 has no effect.
7:6
RSVD
Reserved. By convention write 0, but other values are “don’t care”. Reads always
return 0.
5GBL_FLAG
Global Lock Flag. If high, indicates that the BIOS released control of Global Lock Sta-
tus bit. This bit is cleared by writing a 1 to it. This bit is set by writing a 1 to bit 11
(IGNORE). If GLB_EN (ACPI I/O Offset 02h[5]) is high, an SCI is generated.
4BM_FLAG
Bus Master Flag. This bit indicates a master has requested the bus. Used to indicate a
possible incoherent cache when the processor is in state C3. This function is not sup-
ported because the CS5535 does not support the C3 state.
By convention write 0, but other values are “don’t care”. Reads return 0.
3:1
RSVD
Reserved. By convention write 0, but other values are “don’t care”. Reads always
return 0.
0TMR_FLAG
Timer Carry Flag. This bit is set high by the hardware anytime the Power Management
Timer rolls over from all 1s back to 0. If TMR_EN (ACPI I/O Offset 02h[0]) is high, an
SCI is generated when the rollover occurs. Write 1 to clear; writing 0 has no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com