Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 483 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 483 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 479Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 480Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 481Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 482Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 483Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 484Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 485Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 486Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 487Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 483 / 555 page
background image
Revision 0.8
483
www.national.com
PMC Register Descriptions (Continued)
5.18.2.5
PM Timer (PM_TMR)
PM_TMR is the data value register for the 32-bit timer running from the 3.579 MHz clock.
5.18.2.6
General Purpose Events Status 0 (PM_GPE0_STS)
PM_GPE0_STS is the Status register for General Purpose Events.
Status events are cleared by writing a 1 to the
appropriate FLAG bit. Writing 0 has no effect. By convention, bits [23:0] are associated with the Working domain while bits
[31:24] are associated with Standby domain. During Standby, bits [23:0] are unconditionally cleared. These events are all
individually enabled and then ORed together to form the System Control Interrupt (SCI).
PM2_CNT Bit Descriptions
Bit
Name
Description
15:8
RSVD
Reserved. ACPI defines this as an 8-bit register. It has been extended so that all PML
registers are at least 16 bits. Writes to these bits are a “don’t care”. Reads always
return 0.
7:1
RSVD
Reserved. By convention write 0, but other values are “don’t care”. Reads return 0
value.
0ARB_DIS
System Arbiter Disable. Disables when high. Reads return value written.
This bit is required by the ACPI specification, but internally is not connected to any PM
logic.
ACPI I/O Offset
10h
Type
RO
Reset Value
00000000h
PM_TMR Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
TMR_VAL
PM_TMR Bit Descriptions
Bit
Name
Description
31:0
TMR_VAL (RO)
Timer Value (Read Only). This read only counter is driven by the 3.579545 MHz clock.
Writes are always a “don’t care”.
The counter runs continuously as long as the system is in the Working state; otherwise,
counting is stopped. It stops counting when SUSP# is asserted and starts counting
when SUSPA# has been de-asserted after having been asserted. The value in this reg-
ister is lost in the Standby state.
ACPI I/O Offset
18h
Type
R/W
Reset Value
00000000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com