Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 486 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 486 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 482Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 483Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 484Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 485Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 486Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 487Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 488Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 489Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 490Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 486 / 555 page
background image
www.national.com
486
Revision 0.8
PMC Register Descriptions (Continued)
30
GPIOM6_PME_
EN
GPIO IRQ/PME Mapper Bit 6 PME Enable. When set high, this bit enables the gener-
ation of a PME to the system if a PME occurs via bit 6 of the GPIO IRQ/PME mapper.
Write this bit low to disable the generation of a PME from this source.
29:22
RSVD
Reserved. Reads return 0; writes have no effect
21
GPIOM5_PME_
EN
GPIO IRQ/PME Mapper Bit 5 PME Enable. When set high, this bit enables the gener-
ation of a PME to the system if a PME occurs via bit 5 of the GPIO IRQ/PME mapper.
Write this bit low to disable the generation of a PME from this source.
20
GPIOM4_PME_
EN
GPIO IRQ/PME Mapper Bit 4 PME Enable. When set high, this bit enables the gener-
ation of a PME to the system if a PME occurs via bit 4 of the GPIO IRQ/PME mapper.
Write this bit low to disable the generation of a PME from this source.
19
GPIOM3_PME_
EN
GPIO IRQ/PME Mapper Bit 3 PME Enable. When set high, this bit enables the gener-
ation of a PME to the system if a PME occurs via bit 3 of the GPIO IRQ/PME mapper.
Write this bit low to disable the generation of a PME from this source.
18
GPIOM2_PME_
EN
GPIO IRQ/PME Mapper Bit 2 PME Enable. When set high, this bit enables the gener-
ation of a PME to the system if a PME occurs via bit 2 of the GPIO IRQ/PME mapper.
Write this bit low to disable the generation of a PME from this source.
17
GPIOM1_PME_
EN
GPIO IRQ/PME Mapper Bit 1 PME Enable. When set high, this bit enables the gener-
ation of a PME to the system if a PME occurs via bit 1 of the GPIO IRQ/PME mapper.
Write this bit low to disable the generation of a PME from this source.
16
GPIOM0_PME_
EN
GPIO IRQ/PME Mapper Bit 0 PME Enable. When set high, this bit enables the gener-
ation of a PME to the system if a PME occurs via bit 0 of the GPIO IRQ/PME mapper.
Write this bit low to disable the generation of a PME from this source.
15:7
RSVD
Reserved. Reads return 0; writes have no effect
6
USBC2_PME_EN
USB Controller #2 PME Enable. When set high, this bit enables the generation of a
PME to the system if a PME occurs via USB Controller #2. Write this bit low to disable
the generation of a PME from this source.
5
USBC1_PME_EN
USB Controller #1PME Enable. When set high, this bit enables the generation of a
PME to the system if a PME occurs via USB Controller #2. Write this bit low to disable
the generation of a PME from this source.
4
UART2_PME_EN
UART #2 PME Enable. When set high, this bit enables the generation of a PME to the
system if a PME occurs via UART #2. Write this bit low to disable the generation of a
PME from this source.
3
UART1_PME_EN
UART #1 PME Enable. When set high, this bit enables the generation of a PME to the
system if a PME occurs via UART #2. Write this bit low to disable the generation of a
PME from this source.
2
SMB_PME_EN
SMB PME Enable. When set high, this bit enables the generation of a PME to the sys-
tem if a PME occurs via the SMB. Write this bit low to disable the generation of a PME
from this source.
1
PIC_ASMI_PME_
EN
PIC ASMI PME Enable. When set high, this bit enables the generation of a PME to the
system if a PME occurs due to a PIC ASMI. Write this bit low to disable the generation
of a PME from this source.
0
PIC_IRQ_PME_
EN
PIC Interrupt PME Enable. When set high, this bit enables the generation of a PME to
the system if a PME occurs due to a PIC Interrupt. Write this bit low to disable the gen-
eration of a PME from this source
PM_GPE0_EN Bit Descriptions (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com