Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 482 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 482 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 478Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 479Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 480Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 481Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 482Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 483Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 484Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 485Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 486Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 482 / 555 page
background image
www.national.com
482
Revision 0.8
PMC Register Descriptions (Continued)
5.18.2.4
PM Control 2 (PM2_CNT)
PM2_CNT is the Control register for enabling/disabling the system arbiter. This register is not implemented. Writes “don’t
care. Reads return 0. This register may be accessed with 8-bit or 16-bit I/O.
PM1_CNT Bit Descriptions
Bit
Name
Description
15:14
RSVD
Reserved. By convention write 0, but other values are “don’t care”. Reads always
return 0.
13
SLP_EN (WO)
Sleep Enable (Write Only). This is a write-only bit and reads to it always return 0. Set-
ting this bit causes the system to sequence into the Sleep state defined by SLP_TYPx
(bits [12:10]).
After the delay in SLP_DELAY (PMS I/O Offset 00h[11:0]), the system state begins the
move from Working to Sleeping or Standby state. The Sleep Request/Sleep Acknowl-
edge sequenced is started. The sequence may be aborted by writing SLP_EN_INDIC
(PMS I/O Offset 00h[15]).
12:10
SLP_TYPx
Sleep Type. Defines the type of Sleep state the system enters when SLP_EN (bit 13)
is set to 1. Reads always return the value written.
These bits do not directly affect the internal hardware, but are required by the ACPI
specification. When this register is accessed, VSA code traps the access and transfers
bits written here to the appropriate locations to set up the desired power management
mode.
The Sleep type is directly controlled by GLCP settings, individual GeodeLink Device
Power Management MSR settings, and PML settings.
9
IGNORE
Ignore. By convention not used by ACPI software. Software always writes 0.
If a 1 was written to bit 2 (GBL_RLS), this bit is set, that is, a read of this bit returns a 1.
Write 1 to clear; writing 0 has no effect.
8:3
RSVD
Reserved. By convention write 0, but other values are “don’t care”. Reads always
return 0.
2
GBL_RLS
Global Lock Release. This is the “release of global lock” bit. The ACPI driver writes
this bit to a 1 to rise an event to the BIOS. The write indicates the release of global lock.
Reads always return 0.
Writing a 1 to this bit sets bit 9 (IGNORE).
1BM_RLD
Bus Master RLD. When high, this bit allows the generation of a bus master request to
cause any processor in the C3 state to transition to the C0 state. Reads return the
value written. In the CS5535, the C3 state is NOT supported. Other than serving as an
indicator, this bit does nothing.
0SCI_EN
SCI Enable. When low, indicates native power management mode. When high, indi-
cates ACPI mode. Reads return the value written. Other than serving as an indicator,
this bit does not directly affect the hardware.
ACPI I/O Offset
0Ch
Type
R/W
Reset Value
0000h
PM2_CNT Register Map
15
14
13
12
11
10
987
6543
210
RSVD
RSVD
ARB_
DIS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com