Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 551 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 551 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 547Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 548Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 549Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 550Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 551Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 552Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 553Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 554Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 555Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 551 / 555 page
background image
Revision 0.8
551
www.national.com
Electrical Specifications (Continued)
6.4
POWER SUPPLY SEQUENCE REQUIREMENTS
The voltages applied to the CS5535 are subject to the
requirements listed below as well as the requirements of
Table 6-3 "Recommended Operating Conditions" on page
526. Reference values “minimum” and “maximum” below
should be taken from Table 6-3.
Note that the information below is provided for complete-
ness. Since the specified margins are very wide, the typical
power supply implementation meets them without problem.
If these requirements are not observed, the RTC circuit
and/or the LVD circuit may not operate correctly.
1)
VCORE and VIO may come up in any order but must
meet their respective minimum values within 100 ms of
each other.
2)
From zero volts, VCORE and VIO must ramp up mono-
tonically and reach 90% of their respective minimum
values no sooner that 10 µs and no later than 1 sec-
ond.
3)
From their respective minimum values, VCORE and VIO
must ramp down to within 0.4 volts of ground no
sooner than 100 ms and no later than 5 seconds.
4)
Same as requirement 1, but for VCORE_VSB and
VIO_VSB.
5)
Same
as
requirement
2,
but
for
VCORE_VSB
(VDD_VSB) and VIO_VSB.
6)
Same as requirement 3 but for VCORE_VSB and
VIO_VSB.
7)
The absolute value of the delta between VCORE and
VCORE_VSB must not exceed 0.25 volts.
8)
The absolute value of the delta between VIO and
VIO_VSB must not exceed 0.25 volts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com