Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 552 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 552 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 547Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 548Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 549Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 550Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 551Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 552Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 553Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 554Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 555Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 552 / 555 page
background image
www.national.com
552
Revision 0.8
Electrical Specifications (Continued)
6.5
LOW VOLTAGE DETECT (LVD) PARAMETERS
The LVD electrical parameters are defined in Figure 6-11
and
listed
in
Table
6-24.
Use
of
internal
signals
power_good_standby and power_good_working is illus-
trated in Figure 3-6 "Reset Logic" on page 59.
In this subsection, unless otherwise noted:
• All timing specifications are specified under the oper-
ating conditions listed in Table 6-3 on page 526 (i.e.,
VCORE (VDD) and VCORE_VSB (VDD_VSB) = All; VIO
(VDDIO) and VIO_VSB (VDDIO_VSB) = All; TCASE = All).
• The LVD circuit incorporates no clock signals.
Figure 6-11. LVD Electrical Parameter Definitions
Table 6-24. LVD Parameters
Signal
Parameter
Min
Max
Units
Comment/Condition
power_good_standby
VRASING_TRIP_CORE_VSB
0.90
1.00
V
VFALLING_TRIP_CORE_VSB
0.72
0.90
V
VHYSTERESIS_CORE_VSB
23
110
mV
Note 1.
VRASING_TRIP_IO_VSB
2.15
2.85
V
VFALLING_TRIP_IO_VSB
2.32
2.80
V
VHYSTERESIS_IO_VSB
100
580
mV
Note 1.
power_good_working
VRASING_TRIP_CORE
0.90
1.00
V
VFALLING_TRIP_CORE
0.72
0.90
V
VHYSTERESIS_CORE
23
110
mV
Note 1.
Note 3:
Note 1. The resulting circuit has high noise immunity. Any glitches less than 150 ns are rejected. Hysteresis is guaranteed
by design.
V = VOPERATING
V = VRAISING_TRIP
V = VFALLING_TRIP
V = 0
V = 0
power_good ~=
VCORE_VSB
power_good ~= VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com