Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 105 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 105 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 101Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 102Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 103Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 104Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 105Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 106Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 107Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 108Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 109Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 555 page
background image
Revision 0.8
105
www.national.com
PIC Functional Description (Continued)
4.8.2
Extended PIC (XPIC)
For each of 16 input IGs of four signals each (except IG0
and IG2 with two signals each), XPIC provides a four input
“OR”. Thus, 16 outputs are formed. A software readable
XPIC Input Request Register (XIRR) is available to read
the status of the 64 inputs. Outputs [0:1] and [3:15] are
connected directly to the corresponding inputs on LPIC.
Output 2 can be used as an ASMI.
4.8.3
Legacy PIC (LPIC)
The LPIC consists of two 8259A compatible Programmable
Interrupt Controllers (PICs) connected in Cascade mode
through interrupt signal two (see Figure 4-19). LPIC con-
tains mechanisms to:
1)
Mask any of the 15 inputs via an Interrupt Mask Regis-
ter (IMR).
2)
Determine the input request status via an Interrupt
Request Register (IRR).
3)
Generate an interrupt request (INTR) to the processor
when any of the unmasked requests are asserted.
4)
Provide an interrupt vector to the processor as part of
an interrupt acknowledge operation based on request
priorities.
5)
Determine which requests are acknowledged but not
yet fully serviced, via an In-Service Register (ISR).
In addition to the above 8259A features, there are two reg-
isters to control edge/level mode for each of the interrupt
inputs as well as shadow registers to obtain the values of
legacy 8259A registers that have not been historically
readable.
Figure 4-19. Cascading 8259As for LPIC
Table 4-14. IRQ Map - Unrestricted Sources Z
Unrestricted Z
Source
Comment
Input 0
MFGPT_Comp_1A
OR of MFGPT_Comp_1 0 and 4.
Input 1
MFGPT_Comp_1B
OR of MFGPT_Comp_1 1 and 5.
Input 2
MFGPT_Comp_1C
OR of MFGPT_Comp_1 2 and 6.
Input 3
MFGPT_Comp_1D
OR of MFGPT_Comp_1 3 and 7.
Input 4
MFGPT_Comp_2A
OR of MFGPT_Comp_2 0 and 4.
Input 5
MFGPT_Comp_2B
OR of MFGPT_Comp_2 1 and 5.
Input 6
MFGPT_Comp_2C
OR of MFGPT_Comp_2 2 and 6.
Input 7
MFGPT_Comp_2D
OR of MFGPT_Comp_2 3 and 7.
Input 8
GPIO Interrupt 0
From GPIO Interrupt/PME Mapper.
Input 9
GPIO Interrupt 1
From GPIO Interrupt/PME Mapper.
Input 10
GPIO Interrupt 2
From GPIO Interrupt/PME Mapper.
Input 11
GPIO Interrupt 3
From GPIO Interrupt/PME Mapper.
Input 12
GPIO Interrupt 4
From GPIO Interrupt/PME Mapper.
Input 13
GPIO Interrupt 5
From GPIO Interrupt/PME Mapper.
Input 14
GPIO Interrupt 6
From GPIO Interrupt/PME Mapper.
Input 15
GPIO Interrupt 7
From GPIO Interrupt/PME Mapper.
8259A Slave
8259A Master
INTA
INT
INT
INTA
D0-D7
D0-D7
IRQ0
IRQ1
IRQ2
IRQ3
IRQ4
IRQ5
IRQ6
IRQ7
IRQ8
IRQ9
IRQ10
IRQ11
IRQ12
IRQ13
IRQ14
IRQ15
IR0 IR1 IR2 IR3 IR4 IR5 IR6 IR7
IR0 IR1 IR2 IR3 IR4 IR5 IR6 IR7
Note:
Cascading the 8259A PICs. The INT output of the slave is connected to the IRQ2 input of the master.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com