Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 106 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 106 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 102Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 103Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 104Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 105Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 106Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 107Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 108Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 109Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 110Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 555 page
background image
www.national.com
106
Revision 0.8
PIC Functional Description (Continued)
As illustrated in Figure 4-20, the blocks that make up the
8259A PIC are:
• Read/Write Control Logic
• Interrupt Request Register (IRR)
• In-Service Register (ISR)
• Interrupt Mask Register (IMR)
• Priority Resolver
• Interrupt Sequence
• Data Bus Buffer
• Cascade Buffer/Comparator
Read/Write Control Logic
The function of this block is to accept commands from the
CPU. It contains the four Initialization Command Word reg-
isters, ICW1-ICW4, and three Operation Command Word
registers, OCW1-OCW3, that can be programmed to oper-
ate in various modes.
IRR, ISR, and IMR
Three registers are available to handle interrupts in the
PIC: Interrupt Request Register (IRR), In-Service Register
(ISR), and Interrupt Mask Register (IMR). Each of the three
registers is eight bits wide, where every bit corresponds to
one of the IR0-IR7 input lines.
Priority Resolver
The priority resolver block manages the hardware requests
according to their priority. As several bits may be set in the
IRR simultaneously, the priority encoder passes only the
highest priority bit; ordered in priority 0 through 7 (0 being
the highest).
Interrupt Sequence
The INT output goes directly to the CPU interrupt input.
When an INT signal is activated, the CPU responds with an
Interrupt Acknowledge access that is translated to two
pulses on the INTA input of the PIC. At the first INTA pulse
the highest priority IRR bit is loaded into the corresponding
ISR bit, and that IRR bit is reset. The second INTA pulse
instructs the PIC to present the 8-bit vector of the interrupt
handler onto the data bus.
Data Bus Buffer
Control words and status information are transferred
through the data bus buffer.
Cascade Buffer/Comparator
This functional block stores and compares the IDs of the
PICs.
Figure 4-20. PIC 8259A Block Diagram
Internal Bus
Interrupt Mask Register
(IMR)
In-Service
Register
(ISR)
Priority
Resolver
Interrupt
Request
Register
(IRR)
Control Logic
Data
Bus
Buffer
Read/
Write
Logic
Cascade
Buffer/
Comparator
INTA
INT
D7-D0
RD
WR
A0
CS
CAS0
CAS1
CAS2
SP/EN
IR0
IR1
IR2
IR3
IR4
IR5
IR6
IR7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com