Electronic Components Datasheet Search
  English  ▼

X  

DS1610 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1610
Description  Partitioned NV Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1610 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1610 Datasheet HTML 1Page - Dallas Semiconductor DS1610 Datasheet HTML 2Page - Dallas Semiconductor DS1610 Datasheet HTML 3Page - Dallas Semiconductor DS1610 Datasheet HTML 4Page - Dallas Semiconductor DS1610 Datasheet HTML 5Page - Dallas Semiconductor DS1610 Datasheet HTML 6Page - Dallas Semiconductor DS1610 Datasheet HTML 7Page - Dallas Semiconductor DS1610 Datasheet HTML 8Page - Dallas Semiconductor DS1610 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DS1610
3 of 10
21
st through 24th read cycle as defined by A
W through AZ and shown in Table 2. A logical 1 in a bit
location sets that partition to write protect. A logical 0 in a bit location disables write protection. For
example, if during the pattern match sequence bit 22 on address pin AX were a 1, this would cause the
partition register location for partition 5 to be set to a 1. This in turn would cause the DS1610 to inhibit
WEO
from going low as WEI goes low whenever AZAYAXAW=0101. Note that while setting the partition
register, data which is being accessed from the RAM should be ignored as the purpose of the 24 read
cycles is to set the partition switch and not for the purpose of accessing data from RAM. Also note that on
initial battery attach the partition register can power-up in any state.
PATTERN MATCH TO WRITE PARTITION REGISTER Table 1
12345678910
11
12
13
14
15
16
17
18
19
20
21
22
23
24
AW
1011110011
1
0
0
0
0
0
1
1
0
1
X
X
X
X
AX
1111100111
0
0
1
0
1
1
0
0
0
0
X
X
X
X
AY
1111001110
0
1
0
1
0
1
0
0
0
1
X
X
X
X
AZ
1100011100
1
0
0
0
1
0
1
0
0
0
X
X
X
X
PARTITION REGISTER MAPPING Table 2
Address
Pin
Bit number in pattern
Match sequence
Partition Number
Address State Affected
(AZ AY AX AW)
AW
BIT 21
PARTITION 0
0000
AX
BIT 21
PARTITION 1
0001
AY
BIT 21
PARTITION 2
0010
AZ
BIT 21
PARTITION 3
0011
AW
BIT 22
PARTITION 4
0100
AX
BIT 22
PARTITION 5
0101
AY
BIT 22
PARTITION 6
0110
AZ
BIT 22
PARTITION 7
0111
AW
BIT 23
PARTITION 8
1000
AX
BIT 23
PARTITION 9
1001
AY
BIT 23
PARTITION 10
1010
AZ
BIT 23
PARTITION 11
1011
AW
BIT 24
PARTITION 12
1100
AX
BIT 24
PARTITION 13
1101
AY
BIT 24
PARTITION 14
1110
AZ
BIT 24
PARTITION 15
1111



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com