Electronic Components Datasheet Search
  English  ▼

X  

CSP1027 Datasheet(PDF) 3 Page - Agere Systems

Part # CSP1027
Description  Host-Based Controller V.92 Modem Chip Set
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

CSP1027 Datasheet(HTML) 3 Page - Agere Systems

  CSP1027 Datasheet HTML 1Page - Agere Systems CSP1027 Datasheet HTML 2Page - Agere Systems CSP1027 Datasheet HTML 3Page - Agere Systems CSP1027 Datasheet HTML 4Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
3
Agere Systems Inc.
Product Brief
September 2001
Host-Based Controller V.92 Modem Chip Set
Agere Systems DSP1648C
Functional Description (continued)
Changes from DSP1648 (
Mars 3)
DSP1648C is a digital IC that provides the engine for
various modem standards. DSP1648C uses existing
DSP1648 specifications and functionality with some
enhancements. The following is a list of the new fea-
tures:
s
Support for V.92 and V.44:
— Fast connect
— Modem on hold
— PCM upstream
— Improved data compression
s
Additional on-chip RAM for V.92 support.
s
Additional PCI power management for future WHQL
requirements.
s
Lower power dissipation.
Integrated PCI Interface
The DSP1648C features a ROM-coded DSP1600 core
combined with the control and communications logic
required to implement a modem data pump. The
DSP1648 incorporates a PCI interface which supports
two full-duplex bus master streams for greater access
to host system resources. One PCI stream can be
switched between the audio codec interface or the DSP
core. The second full-duplex stream supports 4-word
block transfers between system and DSP core. 3.3 V
and 5 V signaling systems are supported for PCI bus
buffers. The device supply must come from a 3.3 V PCI
supply, vaux, or a regulated 3.3 V supply.
I/O Voltage Considerations
The system supply voltage requirement is
3.3 V ± 0.3 Vdc. This device also employs a 5 V
tolerant buffer topology. To support this 5 V tolerant I/O,
the VIO pin (pin 93) is provided as an indicator to the
device of the signaling voltage being used on the bus.
Figure 2. Agere Systems DSP1648C Host-Based Controller Modem Chip Set Block Diagram
without Audio Codec
0670 (F) d
LUCENT TECHNOLOGIES
TELEPHONE
LINE
HOST
PROCESSOR
PCI
ROM CODED
DSP1648C
100-PIN
TQFP
AGERE SYSTEMS
DSP1648C HOST-BASED CONTROLLER MODEM CHIP SET
REMAINING
COMPONENTS
FOR
U-DAA
48-PIN TQFP
LINE
CODEC
UNIVERSAL
DAA
CSP1035A (LINE-POWERED)
U-DAA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com